Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5336 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5336
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5336 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5336_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC5336_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet P10938EJ2V0DS
5
2SC5336
S-PARAMETERS
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.519
0.413
0.413
0.345
0.331
0.320
0.302
0.296
0.283
0.285
0.265
0.260
0.263
0.242
0.252
0.253
0.253
0.257
0.262
0.273
−74.5
−112.9
−133.4
−145.7
−153.8
−159.6
−166.8
−169.2
−173.2
−179.8
175.2
174.1
166.0
163.0
160.1
154.0
149.9
147.2
143.0
141.5
30.931
18.965
13.324
10.164
8.177
6.834
5.832
5.107
4.600
4.200
3.930
3.979
3.741
3.115
2.844
2.595
2.420
2.305
2.171
2.049
131.9
111.5
101.9
95.9
91.8
89.1
86.7
84.3
83.1
82.3
80.8
78.5
68.6
66.6
65.7
64.1
63.7
63.0
62.6
61.2
0.017
0.031
0.038
0.045
0.055
0.064
0.074
0.077
0.088
0.097
0.100
0.109
0.114
0.119
0.133
0.140
0.158
0.165
0.172
0.177
60.6
61.9
65.1
69.8
71.8
70.9
73.9
74.4
71.2
74.5
76.3
75.9
76.8
78.3
82.0
81.0
80.9
82.2
80.5
78.3
0.752
0.570
0.465
0.428
0.436
0.438
0.434
0.429
0.436
0.455
0.467
0.529
0.551
0.509
0.510
0.496
0.515
0.518
0.536
0.524
−30.2
−39.7
−39.8
−40.1
−41.1
−43.5
−47.5
−47.8
−46.5
−47.8
−46.8
−47.4
−55.8
−55.8
−58.5
−55.2
−54.8
−56.5
−58.6
−61.5
VCE = 10 V, IC = 40 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.378
0.317
0.308
0.299
0.297
0.288
0.274
0.261
0.255
0.260
0.243
0.239
0.245
0.216
0.235
0.243
0.233
0.242
0.249
0.260
−97.1
−131.8
−150.1
−158.7
−165.5
−169.2
−173.7
−177.3
178.9
173.0
169.4
169.3
160.3
157.8
155.3
148.8
146.0
144.6
141.9
140.4
32.908
18.819
12.955
9.775
7.899
6.586
5.607
4.879
4.435
4.024
3.801
3.827
3.587
2.980
2.726
2.537
2.348
2.200
2.073
1.986
123.3
106.0
97.5
93.1
89.8
87.6
85.2
83.5
82.2
81.4
80.6
78.2
68.4
66.0
66.1
64.0
64.2
63.5
63.3
61.7
0.017
0.027
0.035
0.042
0.052
0.061
0.071
0.081
0.092
0.095
0.098
0.109
0.117
0.125
0.137
0.143
0.159
0.163
0.171
0.184
71.1
71.2
71.8
78.1
78.5
79.1
77.4
76.4
76.5
77.6
77.1
78.3
78.0
80.3
86.5
80.6
81.2
80.4
81.7
77.5
0.665
0.487
0.398
0.393
0.399
0.407
0.400
0.415
0.399
0.440
0.441
0.494
0.517
0.486
0.500
0.474
0.496
0.491
0.534
0.535
−34.7
−38.7
−38.5
−36.9
−37.6
−39.9
−44.6
−47.4
−46.2
−44.3
−45.2
−46.2
−55.4
−54.5
−59.0
−53.7
−56.8
−53.6
−58.0
−61.3


Similar Part No. - 2SC5336_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5336-A RENESAS-2SC5336-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC5336-T1 RENESAS-2SC5336-T1 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
More results

Similar Description - 2SC5336_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5337 CEL-2SC5337 Datasheet
877Kb / 6P
   NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338_15 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
2SC5337 RENESAS-2SC5337_15 Datasheet
99Kb / 7P
   NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
logo
California Eastern Labs
NE46234 CEL-NE46234 Datasheet
163Kb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com