Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4990A Datasheet(PDF) 8 Page - NEC

Part # UPD4990A
Description  SERIAL I/O CALENDAR & CLOCK CMOS LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4990A Datasheet(HTML) 8 Page - NEC

Back Button UPD4990A Datasheet HTML 4Page - NEC UPD4990A Datasheet HTML 5Page - NEC UPD4990A Datasheet HTML 6Page - NEC UPD4990A Datasheet HTML 7Page - NEC UPD4990A Datasheet HTML 8Page - NEC UPD4990A Datasheet HTML 9Page - NEC UPD4990A Datasheet HTML 10Page - NEC UPD4990A Datasheet HTML 11Page - NEC UPD4990A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
µPD4990A
8
(2) TP selection and control
[C2, C1, C0] / [C3', C2', C1', C0']
TP = 64 Hz Set Mode [1, 0, 0] / [0, 1, 0, 0]
64 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
TP = 256 Hz Set Mode [1, 0, 1] / [0, 1, 0, 1]
256 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
TP = 2 048 Hz Set Mode [1, 1, 0] / [0, 1, 1, 0]
2 048 Hz (50 % duty) is output to the TP pin.
[C2, C1, C0]: The year function is ineffective and the interval timer stops.
Modes permitted only for serial commands
[C3', C2', C1', C0']
TP = 4 098 Hz Set Mode [0, 1, 1, 1]
4 098 Hz (50 % duty) is output to the TP pin. The interval timer stops.
TP = 1-second Interval Set Mode (counter reset & start) [1, 0, 0, 0]
A 1-second interval signal is output to the TP pin.
TP = 10-second Interval Set Mode (counter reset & start) [1, 0, 0, 1]
A 10-second interval signal is output to the TP pin.
TP = 30-second Interval Set Mode (counter reset & start) [1, 0, 1, 0]
A 30-second interval signal is output to the TP pin.
TP = 60-second Interval Set Mode (counter reset & start) [1, 0, 1, 1]
A 60-second interval signal is output to the TP pin.
Interval Output Flag Reset [1, 1, 0, 0]
The interval signal output to the TP pin is reset.
The interval timer counter continue the operation.
Interval Timer Clock Run [1, 1, 0, 1]
The timer for outputting interval signals is reset then started.
Interval Timer Clock Stop [1, 1, 1, 0]
The timer for outputting interval signals stops.
The output status does not change.
(3) Serial command transfer mode setting
Set [C2, C1, C0] = [1, 1, 1]
(4) Test mode setting
Set [C2, C1, C0] = [1, 1, 1] [C3', C2', C1', C0'] = [1, 1, 1, 1]
° 3-bit parallel command setting mode
[C2, C1, C0]
The year function is ineffective when commands are input through C2, C1, and C0 pins.
Generally, February involves 28 days. The 29th day can be set optionally. The next day of the February
29th can be set the March 1st automatically. The interval timer is in the halt state.
* The test mode is cancelled by [C2, C1, C0] = [0, 0, 0] to [1, 1, 0].
° Serial command transfer mode
[C3', C2', C1', C0']
If a strobe signal is input with C2, C1, and C0 pins set at the VDD level ([1, 1, 1]), the contents of the serial
command register ([C3', C2', C1', C0']) are received as a command; the year function is effective.
* The test mode is cancelled by [C3', C2', C1', C0']
= [0, 0, 0]
= [0, 1, 0, 0] to [1, 1, 1, 0]
In this mode, the serial command register is not held with the Register Hold command. Accordingly, the serial
command can be executed irrespective of the mode if the CS pin is active.
The year function is effective in the serial command transfer mode.


Similar Part No. - UPD4990A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4990A RENESAS-UPD4990A Datasheet
261Kb / 22P
   MOS INTEGRATED CIRCUIT
1989
UPD4990AC RENESAS-UPD4990AC Datasheet
261Kb / 22P
   MOS INTEGRATED CIRCUIT
1989
UPD4990AG RENESAS-UPD4990AG Datasheet
261Kb / 22P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD4990A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD1990AC NEC-UPD1990AC Datasheet
793Kb / 13P
   SERIAL I/O CALENDAR & CLOCK CMOS LSI
UPD4991A NEC-UPD4991A Datasheet
133Kb / 32P
   4-BIT PARALLEL I/O CALENDAR CLOCK
UPD4992 NEC-UPD4992 Datasheet
101Kb / 16P
   8-Bit Parallel I/O Calendar Clock
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
   SERIAL I/O REAL TIME CLOCK
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
   SERIAL I/O REAL TIME CLOCK
logo
NEC
UPD6529C NEC-UPD6529C Datasheet
431Kb / 6P
   AUTOMOTIVE CLOCK CMOS LSI
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124 Datasheet
144Kb / 17P
   Serial I/O Filter
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
   Serial I/O Filter
April 18, 2007
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
   Serial I/O Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com