Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4093 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4093
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4093 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4093_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
200
100
0
50
100
150
Free Air
0.1
0.5
0.2
1
2
12
5
10
20
f = 1.0 GHz
10
20
50
100
200
1
5
10
50
0.5
VCE = 10 V
5
1
0.6
2
10
20
12
5
10
20
40
VCE = 10 V
Frequency f (GHz)
MAXIMUM GAIN/INSERTION
POWER GAIN vs. FREQUENCY
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
0
10
20
30
0.1
0.2
0.5
1.0
2.0
VCE = 10 V
IC = 20 mA
|S21e|2
Gmax
0
10
20
1
0.5
2
5
10
20
50
VCE = 10 V
f = 1.0 GHz
Remark The graphs indicate nominal characteristics.
Data Sheet PU10519EJ01V0DS
3
2SC4093


Similar Part No. - 2SC4093_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4093-T1 NEC-2SC4093-T1 Datasheet
70Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4093-T2 NEC-2SC4093-T2 Datasheet
70Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 2SC4093_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68718 CEL-NE68718 Datasheet
306Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com