Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDTA115EM3T5G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LDTA115EM3T5G
Description  PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA115EM3T5G Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LDTA115EM3T5G_15 Datasheet HTML 2Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 3Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 9Page - Leshan Radio Company LDTA115EM3T5G_15 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
6/11
LDTA114EM3T5G_Series
TYPICAL ELECTRICAL CHARACTERISTICS − LDTA124EM3T5G
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
Figure 9. Output Capacitance
IC, COLLECTOR CURRENT (mA)
0
10
20
30
VO = 0.2 V
TA =−25°C
75°C
100
10
1
0.1
40
50
Figure 10. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001 0 1
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
5
6
7
8
9
10
Figure 11. Input Voltage versus Output Current
0.01
0.1
1
10
40
IC, COLLECTOR CURRENT (mA)
0
20
50
75°C
25°C
TA =−25°C
50
0
10
203040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
25°C
IC/IB = 10
25°C
−25°C
VCE = 10 V
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
75°C
25°C
TA =−25°C
VO = 5 V


Similar Part No. - LDTA115EM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results

Similar Description - LDTA115EM3T5G_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com