Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1565-31 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1565-31
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1565-31 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1565-31 Datasheet HTML 2Page - Linear Technology LTC1565-31 Datasheet HTML 3Page - Linear Technology LTC1565-31 Datasheet HTML 4Page - Linear Technology LTC1565-31 Datasheet HTML 5Page - Linear Technology LTC1565-31 Datasheet HTML 6Page - Linear Technology LTC1565-31 Datasheet HTML 7Page - Linear Technology LTC1565-31 Datasheet HTML 8Page - Linear Technology LTC1565-31 Datasheet HTML 9Page - Linear Technology LTC1565-31 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1565-31
6
156531fa
APPLICATIONS INFORMATION
Interfacing to the LTC1565-31
The difference between the voltages at Pin 1 and Pin 2 is
the “differential input voltage.” The average of the voltages
at Pin 1 and Pin 2 is the “common mode input voltage.”
The difference between the voltages at Pin 7 and Pin 8
is the “differential output voltage.” The average of the
voltages at Pin 7 and Pin 8 is the “common mode output
voltage.” The input and output common mode voltages are
independent. The input common mode voltage is set by the
signal source, if DC coupled, or by the biasing network if
AC coupled (Figures 1 and 2). The output common mode
voltage is equal to the voltage of Pin 3, the GND pin. The
GND pin is biased to one-half of the supply voltage by an
internal resistive divider (see Block Diagram). To alter the
common mode output voltage, Pin 3 can be driven with
an external voltage source or resistor network. If external
resistors are used, it is important to note that the internal
5k resistors can vary ± 20% (their ratio only varies ±1%).
The output can also be AC coupled.
Input Common Mode and Differential Voltage Range
The range of voltage each input can support while operat-
ing in its linear region is typically 0.8V to 3.7V for a single
5V supply and – 4.2V to 3.2V for a ±5V supply. Therefore,
the filter can accept a variety of common mode input volt-
ages. Figures 3 and 4 show the THD of the filter versus
common mode input voltage with a 2VP-P differential
input signal.
+
+IN
–IN
GND
V
+OUT
–OUT
V+
SHDN
1
2
3
4
8
7
6
5
LTC1565-31
0.1μF
0.1μF
15645-31 F01
VOUT
+
VOUT
5V
VIN
+
VIN
+
VIN
+ + VIN–
2
DC COUPLED INPUT
VIN (COMMON MODE) =
VOUT
+ + VOUT–
2
VOUT (COMMON MODE) =
=
V+
2
+
+IN
–IN
GND
V
+OUT
–OUT
V+
SHDN
1
2
3
4
8
7
6
5
LTC1565-31
1μF
0.1μF
0.1μF
100k
100k
0.1μF
15645-31 F02
VOUT
+
VOUT
5V
VIN
+
VIN
+
AC COUPLED INPUT
VIN (COMMON MODE) = VOUT (COMMON MODE)
=
V+
2
Figure 1
INPUT COMMON MODE VOLTAGE (V)
–90
–70
–50
–30
–80
–60
–40
–3
–1
1
3
1565-31 F03
5
–4
–5
–2
0
2
4
VIN = 2VP-P
fIN = 100kHz
VS = ±5V
INPUT COMMON MODE VOLTAGE (V)
0.5
–80
–70
–60
–50
1.0
1.5
2.0
2.5
1565-31 F04
3.0
–40
–30
3.5
VIN = 2VP-P
fIN = 100kHz
VS = 5V
Figure 3. THD vs Common Mode Input Voltage
Figure 4. THD vs Common Mode Input Voltage
Figure 5 shows the THD and S/N ratio versus differential
input voltage level for both a single 5V supply and a ±5V
supply. The common mode voltage of the input signal is
one-half the total power supply voltage of the filter. The
spurious free dynamic range, where the THD and S/N
ratio are equal, is 75dB to 76dB when the differential input
voltage level is 2VP-P; that is, for a single 5V supply, the
Figure 2


Similar Part No. - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1565-31 LINER-LTC1565-31 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31CS8 LINER-LTC1565-31CS8 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
More results

Similar Description - LTC1565-31

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
   650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
   Linear Phase Lowpass Filter
logo
Linear Technology
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
   1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com