Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM0900 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0900
Description  1 kW 3-phase motor control demonstration board featuring
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0900 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0900 Datasheet HTML 1Page - STMicroelectronics UM0900 Datasheet HTML 2Page - STMicroelectronics UM0900 Datasheet HTML 3Page - STMicroelectronics UM0900 Datasheet HTML 4Page - STMicroelectronics UM0900 Datasheet HTML 5Page - STMicroelectronics UM0900 Datasheet HTML 6Page - STMicroelectronics UM0900 Datasheet HTML 7Page - STMicroelectronics UM0900 Datasheet HTML 8Page - STMicroelectronics UM0900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
May 2010
Doc ID 17028 Rev 1
1/43
UM0900
User manual
1 kW 3-phase motor control demonstration board featuring
IGBT intelligent power module STGIPL14K60 STEVAL-IHM025V1
1
Introduction
This document describes the 1 kW 3-phase motor control demonstration board featuring the
IGBT intelligent power module STGIPL14K60. The demonstration board is an AC-DC
inverter that generates a 3-phase waveform for driving 3- or 2-phase motors such as
induction motors or PMSM motors up to 1000 W, with or without sensors.
The main device presented in this user manual is a universal, fully evaluated and populated
design consisting of a 3-phase inverter bridge based on the 600 V IGBT power module in
the SDIP 38L package mounted on heatsink. STGIPL14K60 integrates: high voltage, short-
circuit rugged IGBT and high voltage gate drivers with advanced features like integrated op-
amp suitable for advanced current sensing. Thanks to this integrated module, the system
has been specifically designed to achieve power inversion in a reliable and compact design.
The system architecture of the module based on integrated advanced features is specifically
designed to achieve an accurate and fast conditioning of the current feedback therefore
matching the typical requirements in field oriented control (FOC).
The board is designed to be compatible with single-phase mains, supplying from
90 VAC to 285 VAC or from 125 VDC up to 400 VDC for DC voltage.
This document is associated with the release of the demonstration board STEVAL-
IHM025V1 (see Figure 1 below).
Figure 1.
STEVAL-IHM025V1
www.st.com


Similar Part No. - UM0900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0911 STMICROELECTRONICS-UM0911 Datasheet
151Kb / 5P
   This board allows functional demonstration and basic evaluation
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
   Using the M24LR64-R datalogger reference design
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
UM0934 STMICROELECTRONICS-UM0934 Datasheet
1Mb / 113P
   ST7570 S-FSK power line networking System-on-Chip
More results

Similar Description - UM0900

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
   1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
   1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
   1 kW three-phase motor control demonstration board
UM0969 STMICROELECTRONICS-UM0969 Datasheet
3Mb / 46P
   3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
STEVAL-IHM004V1 STMICROELECTRONICS-STEVAL-IHM004V1 Datasheet
130Kb / 4P
   BLDC & AC motor control Power driver board 1 KW
UM0432 STMICROELECTRONICS-UM0432 Datasheet
911Kb / 53P
   Low voltage motor control demonstration board
UM1036 STMICROELECTRONICS-UM1036 Datasheet
1Mb / 47P
   This document describes the 2 kW 3-phase motor control evaluation
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
   L6235 three-phase brushless DC motor driver demonstration board
August 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com