Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC807-25LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC807-25LT1G
Description  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-25LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC807-25LT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 6Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 7Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 8Page - Leshan Radio Company LBC807-25LT1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LBC807-16LT1G,LBC807-25LT1G,LBC807-40LT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V(BR)CEO
–45
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10
µA)
V(BR)CES
–50
V
Emitter–Base Breakdown Voltage
(IE = –1.0
µA)
V(BR)EBO
–5.0
V
Collector Cutoff Current
I CBO
(V
CB
= –20 V)
–100
nA
(V CB = –20 V, TJ = 150°C)
–5.0
µA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
(IC= –100 mA, VCE = –1.0 V)
LBC807–16
100
250
LBC807–25
160
400
LBC807–40
250
600
(IC = –500 mA, VCE = –1.0 V)
40
Collector–Emitter Saturation Voltage
V CE(sat)
–0.7
V
(IC = –500 mA, IB = –50 mA)
Base–Emitter On Voltage
V BE(on)
–1.2
V
(IC = –500 mA, VCE= –1.0 V)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
Output Capacitance
C obo
—10
pF
(VCB = –10 V, f = 1.0 MHz)
Rev.O 2/10
S-LBC807-16LT1G,S-LBC807-25LT1G,S-LBC807-40LT1G


Similar Part No. - LBC807-25LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-25LT1G LRC-LBC807-25LT1G Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
LBC807-25LT1G LRC-LBC807-25LT1G Datasheet
190Kb / 10P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC807-25LT1G LEIDITECH-LBC807-25LT1G Datasheet
1Mb / 10P
   General Purpose Transistors PNP Silicon
More results

Similar Description - LBC807-25LT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com