Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-4 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1064-4
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-4 Datasheet(HTML) 4 Page - Linear Technology

  LTC1064-4_15 Datasheet HTML 1Page - Linear Technology LTC1064-4_15 Datasheet HTML 2Page - Linear Technology LTC1064-4_15 Datasheet HTML 3Page - Linear Technology LTC1064-4_15 Datasheet HTML 4Page - Linear Technology LTC1064-4_15 Datasheet HTML 5Page - Linear Technology LTC1064-4_15 Datasheet HTML 6Page - Linear Technology LTC1064-4_15 Datasheet HTML 7Page - Linear Technology LTC1064-4_15 Datasheet HTML 8Page - Linear Technology LTC1064-4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1064-4
4
10644fb
Power Supply Current vs Power
Supply Voltage
Table 1. Wideband Noise (µVRMS). Input Grounded, fCLK = 1MHz
Gain vs Frequency with
Compensation
Device to Device Phase Matching
Total Harmonic Distortion
FREQUENCY (Hz)
10k
5
0
–5
–10
–15
–20
–25
–30
–35
100k
1M
1064-4 G04
TA = 125°C
TA = 25°C
FOR COMPENSATION INFORMATION
SEE PIN DESCRIPTION SECTION
VS = ±7.5V
fCLK = 5MHz
RATIO = 50:1
INPUT LEVEL (VRMS)
0.1
0.01
0.1
1.0
110
1064-4 G06
VS = ±7.5V
VS = ±5V
VS = ±2.37V
fCLK = 1MHz, 50:1
fCUTOFF = 20kHz
FREQUENCY (kHz)
06
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10 12 14 16 18 20 22
1064-4 G05
24
8
VS = ±7.5V
fC = 20kHz
fCLK = 1MHz, 50:1
50 UNIT SAMPLE (TA = 25°C TO 125°C)
Transient Response
fCLK = 1MHz, Ratio = 50:1,
fC = 20kHz, VS = ±7.5V, 1kHz
Square Wave Input
TOTAL POWER SUPPLY VOLTAGE (V)
02
6
10
1418
22
48
44
40
36
32
28
24
20
16
12
8
4
0
48
12
16
1064-4 G07
20
24
fCLK = 1MHz
TA = –55°C
TA = 25°C
TA = 125°C
0.1ms/DIV
VS = ±2.37V
VS = ±5V
VS = ±7.5V
Noise
Noise
Noise
Pin 10 to
fCLK/fCUTOFF
µVRMS
µVRMS
µVRMS
V+
50:1
120
135
145
V
100:1
100
120
130
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1064-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4C LINER-LTC1064-4C Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4CJ LINER-LTC1064-4CJ Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4CJ LINER-LTC1064-4CJ Datasheet
140Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-4CN LINER-LTC1064-4CN Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4CN LINER-LTC1064-4CN Datasheet
140Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
More results

Similar Description - LTC1064-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4 LINER-LTC1064-4_09 Datasheet
140Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-4 LINER-LTC1064-4 Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com