Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1017-BD Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # XP1017-BD
Description  Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1017-BD Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  XP1017-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1017-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7 of 8
MTTF Graphs
30.0-36.0 GHz GaAs MMIC
Power Amplifier
P1017-BD
These numbers were calculated based upon accelerated life test information received from the fabricating foundry and extensive
thermal modeling/finite element analysis done at Mimix Broadband.The values shown here are only to be used as a guideline
against the end application requirements and only represent reliability information under one bias condition. Ultimately bias
conditions and resulting power dissipation along with the practical aspects, i.e. thermal material stack-up, attach method of device
placement are the key parts in determining overall reliability for a specific application, see previous pages. If the data shown below
does not meet your reliability requirements or if the bias conditions are not within your operating limits please contact technical
sales for additional information
XP1017-BD Vd=4.5 V, Id1,2,3,4=110 mA
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+12
55.0
65.0
75.0
85.0
95.0
105.0
115.0
125.0
Backplate Temperature (deg C)
XP1017-BD Vd=4.5 V, Id1,2,3,4=110 mA
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
55.0
65.0
75.0
85.0
95.0
105.0
115.0
125.0
Backplate Temperature (deg C)
XP1017-BD Vd=4.5 V, Id1,2,3,4=110 mA
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
55.0
65.0
75.0
85.0
95.0
105.0
115.0
125.0
Backplate Temperature (deg C)
XP1017-BD Vd=4.5 V, Id1,2,3,4=110 mA
90
100
110
120
130
140
150
160
170
180
55.0
65.0
75.0
85.0
95.0
105.0
115.0
125.0
Backplate Temperature (deg C)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 23-Jan-10


Similar Part No. - XP1017-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
More results

Similar Description - XP1017-BD_15

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com