Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURX0520 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MURX0520
Description  Super Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MURX0520 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MURX0520 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MURX0520 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MURX0520 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.1
.2
.3
Amps
°C
150
.4
. 5
.6
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
.4
.6
2.0
1.0
Amps
.4
.6
.8
1.0
1.2
1.4
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
Single Phase, Half Wave
60Hz Resistive or Inductive Load
MURX0505-MURX0560
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MURX0520

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURX0520 MCC-MURX0520 Datasheet
92Kb / 3P
   0.5 Amp Super Fast Recovery Rectifier 100 to 600 Volts
logo
SHENZHEN YONGERJIA INDU...
MURX0520 WINNERJOIN-MURX0520 Datasheet
86Kb / 3P
   0.5 Amp Super Fast Recovery Rectifier 100 to 600 Volts
More results

Similar Description - MURX0520

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com