Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9013QLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L9013QLT1G
Description  General Purpose Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9013QLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L9013QLT1G_15 Datasheet HTML 1Page - Leshan Radio Company L9013QLT1G_15 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
20
V
Collector-Base Voltage
VCBO
40
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
IC
500
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/oC
Thermal Resistance, Junction to Ambient
R θ JA
556
oC
/W
PD
300
mW
2.4
mW/oC
Thermal Resistance, Junction to Ambient
R θJA
417
oC
/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
ELECTRICAL CHARACTERISTICS (TA
=25oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
-
-
V
(IE=100
µA)
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
(IC=100
µA)
Collector Cutoff Current (VCB=35V)
ICBO
-
-
150
nA
Emitter Cutoff Current (VEB=4V)
IEBO
150
nA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
1
3
2
SOT-23 (TO-236AB)
LESHAN RADIO COMPANY, LTD.
2
EMITTER
3
COLLECTOR
1
BASE
FEATURE
We declare that the material of product compliance with RoHS requirements.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L9013PLT1G
13P
3000/Tape&Reel
L9013PLT3G
13P
10000/Tape&Reel
L9013QLT1G
13Q
3000/Tape&Reel
L9013QLT3G
13Q
10000/Tape&Reel
L9013RLT1G
13R
3000/Tape&Reel
L9013RLT3G
13R
10000/Tape&Reel
L9013SLT1G
13S
3000/Tape&Reel
L9013SLT3G
13S
10000/Tape&Reel
L9013PLT1G
Series
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Rev.O 1/2
S-L9013PLT1G
Series
S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-L9013PLT1G
S-L9013PLT3G
S-L9013QLT1G
S-L9013QLT3G
S-L9013RLT1G
S-L9013RLT3G
S-L9013SLT1G
S-L9013SLT3G


Similar Part No. - L9013QLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9013QLT1G LRC-L9013QLT1G Datasheet
130Kb / 2P
   General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
L9013QLT1G LEIDITECH-L9013QLT1G Datasheet
456Kb / 3P
   We declare that the material of product compliance with RoHS requirements
More results

Similar Description - L9013QLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com