Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL1007-QT Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XL1007-QT
Description  Packaged Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XL1007-QT Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XL1007-QT_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XL1007-QT_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Low Noise Amplifier Measurements (cont.)
3.5-8.0 GHz GaAs MMIC
Packaged Low Noise Amplifier
L1007-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XL1007-QT: S22 Vs Temp @ 5V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S21 Vs Voltage
5
6
7
8
9
10
11
12
13
14
15
16
17
18
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
Vdd=3V
Vdd=4V
Vdd=5V
XL1007-QT: S21 Vs Temp @ 3V
5
6
7
8
9
10
11
12
13
14
15
16
17
18
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S21 Vs Temp @ 4V
5
6
7
8
9
10
11
12
13
14
15
16
17
18
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: S21 Vs Temp @ 5V
5
6
7
8
9
10
11
12
13
14
15
16
17
18
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq. (GHz)
-40°C
25°C
85°C
XL1007-QT: OIP3 Vs Temp @ 4V, Pout/tone = P1dB - 10dB
12
14
16
18
20
22
24
26
28
30
32
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Freq (GHz)
-40°C
25°C
85°C
February 2009 - Rev 20-Feb-09


Similar Part No. - XL1007-QT_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1007-QT-0G00 MIMIX-XL1007-QT-0G00 Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT-0G00 MIMIX-XL1007-QT-0G00 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT-0G0T MIMIX-XL1007-QT-0G0T Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT-0G0T MIMIX-XL1007-QT-0G0T Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT-EV1 MIMIX-XL1007-QT-EV1 Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
More results

Similar Description - XL1007-QT_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4506-SM TRIQUINT-TGA4506-SM Datasheet
117Kb / 10P
   K Band Packaged Low Noise Amplifier
logo
IXYS Corporation
MLA-01122B-C4 IXYS-MLA-01122B-C4 Datasheet
235Kb / 4P
   1 - 12 GHz Packaged Low-Noise MMIC Amplifier
logo
Filtronic Compound Semi...
LPS200P70 FILTRONIC-LPS200P70 Datasheet
59Kb / 3P
   PACKAGED LOW NOISE PHEMT
LPV1500 FILTRONIC-LPV1500 Datasheet
33Kb / 2P
   PACKAGED LOW NOISE PHEMT
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
Filtronic Compound Semi...
LP7512P70 FILTRONIC-LP7512P70 Datasheet
59Kb / 3P
   PACKAGED ULTRA LOW NOISE PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
233Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com