Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1064-3
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-3 Datasheet(HTML) 5 Page - Linear Technology

  LTC1064-3 Datasheet HTML 1Page - Linear Technology LTC1064-3 Datasheet HTML 2Page - Linear Technology LTC1064-3 Datasheet HTML 3Page - Linear Technology LTC1064-3 Datasheet HTML 4Page - Linear Technology LTC1064-3 Datasheet HTML 5Page - Linear Technology LTC1064-3 Datasheet HTML 6Page - Linear Technology LTC1064-3 Datasheet HTML 7Page - Linear Technology LTC1064-3 Datasheet HTML 8Page - Linear Technology LTC1064-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1064-3
5
10643fa
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
0.500
– 0.955
– 88.100
1.000
– 3.380
–175.300
1.500
– 7.570
99.700
2.000
– 13.770
20.100
2.500
– 21.800
– 48.000
3.000
– 30.700
–100.700
3.500
– 39.400
–139.900
4.000
– 47.600
–169.200
4.500
– 55.100
168.300
5.000
– 61.900
150.300
5.500
– 68.260
135.830
6.000
– 74.050
123.660
6.500
– 79.450
113.440
7.000
– 84.330
104.440
7.500
– 89.010
97.670
8.000
– 93.250
91.580
8.500
– 97.340
84.670
9.000
– 101.390
74.600
9.500
– 104.980
75.990
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
0.500
– 0.858
–90.430
1.000
– 2.990
179.200
1.500
– 6.840
89.600
2.000
– 12.780
3.800
2.500
– 20.800
–71.000
3.000
– 29.900
–129.600
3.500
– 38.800
–173.700
4.000
– 47.100
152.600
4.500
– 54.700
126.000
5.000
– 61.600
103.300
5.500
– 68.000
85.190
6.000
– 73.840
69.060
6.500
– 79.250
54.780
7.000
– 84.230
42.440
7.500
– 88.940
30.060
8.000
– 93.360
21.300
8.500
– 97.510
10.000
9.000
–100.880
1.520
9.500
–105.780
–7.820
FREQUENCY
GAIN (dB)
DELAY (ms)
0.200
– 0.284
0.490
0.300
– 0.450
0.489
0.400
– 0.670
0.489
0.500
– 0.960
0.487
0.600
– 1.310
0.487
0.700
– 1.730
0.485
0.800
–2.210
0.484
0.900
–2.750
0.482
1.000
–3.380
0.478
1.100
– 4.070
0.478
1.200
– 4.820
0.475
1.300
– 5.660
0.470
1.400
– 6.580
0.467
1.500
– 7.570
0.463
1.600
– 8.640
0.456
1.700
– 9.790
0.448
1.800
– 11.050
0.438
1.900
– 12.360
0.428
2.000
– 13.770
0.417
Table 2. Gain/Phase, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 75kHz, Pin 10 at V+ (fltr 75:1)
FREQUENCY (kHz)
GAIN (dB)
DELAY (ms)
0.200
– 0.281
0.502
0.300
– 0.420
0.503
0.400
– 0.610
0.503
0.500
– 0.860
0.502
0.600
– 1.160
0.502
0.700
– 1.530
0.502
0.800
– 1.950
0.503
0.900
– 2.430
0.503
1.000
– 2.990
0.500
1.100
– 3.610
0.500
1.200
– 4.300
0.500
1.300
– 5.060
0.498
1.400
– 5.920
0.495
1.500
– 6.830
0.491
1.600
– 7.840
0.489
1.700
– 8.930
0.481
1.800
– 10.130
0.473
1.900
– 11.410
0.465
2.000
– 12.780
0.454
Table 3. Gain/Delay, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 75kHz, Pin 10 at V+ (fltr 75:1)
Table 4. Gain/Phase, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 150kHz, Pin 10 at V(fltr 150:1)
Table 5. Gain/Delay, f–3dB = 1kHz, LTC1064-3 Typical Response
VS = ±5V, TA = 25°C, fCLK = 150kHz, Pin 10 at V(fltr 150:1)
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1064-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3 LINER-LTC1064-3 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3 LINEAR_DIMENSIONS-LTC1064-3 Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3C LINER-LTC1064-3C Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3CJ LINER-LTC1064-3CJ Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results

Similar Description - LTC1064-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com