Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1064-2
Description  Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC1064-2 Datasheet HTML 1Page - Linear Technology LTC1064-2 Datasheet HTML 2Page - Linear Technology LTC1064-2 Datasheet HTML 3Page - Linear Technology LTC1064-2 Datasheet HTML 4Page - Linear Technology LTC1064-2 Datasheet HTML 5Page - Linear Technology LTC1064-2 Datasheet HTML 6Page - Linear Technology LTC1064-2 Datasheet HTML 7Page - Linear Technology LTC1064-2 Datasheet HTML 8Page - Linear Technology LTC1064-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1064-2
4
10642fa
TYPICAL PERFOR A CE CHARACTERISTICS
Harmonic Distortion vs Frequency
Harmonic Distortion vs Amplitude
Power Suppy vs Current
FREQUENCY (Hz)
1k
0.01
0.001
0.1
10k
20k
1064-2 G07
±7.5V, 3VRMS INPUT
±5V, 1VRMS INPUT
fCLK = 1MHz, f–3dB = 20kHz, 50:1
AMPLITUDE (VRMS)
0.5
1.0
0.001
0.01
0.1
1
5.0
1064-2 G08
±2.5V
±5V
±7V
fCLK = 1MHz, f–3dB = 20kHz
50:1, 1kHz INPUT
POWER SUPPLY VOLTAGE (V)
0
2468 10 12 14 16 18 20 22 24
48
44
40
36
32
28
24
20
16
12
8
4
0
1064 G09
TA = –55°C
TA = 25°C
TA = 125°C
fIN (kHz)
1
15
0
–15
–30
–45
–60
–75
–90
–105
10
100
1064-2 G10
PIN 10 AT GROUND
fCLK =1MHz
Phase vs f–3dB Frequency
Phase Matching
Noise Spectral Density
FREQUENCY (Hz)
100
30
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
1k
10k
1064 G04
fCLK = 500kHz
f–3dB = 10kHz
fCLK = 2MHz
f–3dB = 40kHz
fCLK = 1MHz
f–3dB = 20kHz
VS = ±7.5V
50:1
FREQUENCY (kHz)
0
2.4
2.0
1.6
1.2
0.8
0.4
0
4
812
16
1064-2 G05
20
24
VS = ±7.5V, fCLK = 1MHz, f–3dB = 20kHz, 50:1
50 UNIT SAMPLE (TA = 25°C TO 125°C)
FREQUENCY (Hz)
0.1k
1600
1400
1200
1000
800
600
400
200
0
(530)
(335)
1k
10k
100k
1064-2 G06
fCLK = 500kHz
100:1, f–3dB = 5kHz
fCLK = 2MHz
100:1, f–3dB = 20kHz
fCLK = 5MHz
100:1, f–3dB = 50kHz
(1060)
Amplitude Response with Pin 10
at Ground


Similar Part No. - LTC1064-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2 LINER-LTC1064-2 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2C LINER-LTC1064-2C Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2CJ LINER-LTC1064-2CJ Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2CJ LINER-LTC1064-2CJ Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
More results

Similar Description - LTC1064-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3 LINER-LTC1064-3_15 Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com