Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8610 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8610
Description  42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 4 Page - Linear Technology

  LT8610 Datasheet HTML 1Page - Linear Technology LT8610 Datasheet HTML 2Page - Linear Technology LT8610 Datasheet HTML 3Page - Linear Technology LT8610 Datasheet HTML 4Page - Linear Technology LT8610 Datasheet HTML 5Page - Linear Technology LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT8610
4
8610fa
For more information www.linear.com/LT8610
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency at 3.3VOUT
Efficiency vs Frequency
Reference Voltage
EN Pin Thresholds
Load Regulation
Line Regulation
Efficiency at 5VOUT
Efficiency at 3.3VOUT
Efficiency at 5VOUT
LOAD CURRENT (A)
0
80
90
100
2
8610 G01
70
60
75
85
95
65
55
50
0.5
1
1.5
2.5
VIN = 12V
VIN = 24V
fSW = 700kHz
LOAD CURRENT (A)
0
80
90
100
2
8610 G02
70
60
75
85
95
65
55
50
0.5
1
1.5
2.5
VIN = 12V
VIN = 24V
fSW = 700kHz
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
100 1000 10000
8610 G03
0
0.01
VIN = 12V
VIN = 24V
fSW = 700kHz
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.001
10
100 1000 10000
8610 G04
0
0.01 0.1
1
VIN = 12V
VIN = 24V
fSW = 700kHz
SWITCHING FREQUENCY (MHz)
0.25
90
92
96
1.75
8610 G05
88
86
0.75
1.25
2.25
84
82
94
VIN = 12V
VIN = 24V
VOUT = 3.3V
TEMPERATURE (°C)
–55
0.955
0.958
0.964
0.967
0.970
0.985
0.976
5
65
95
125
8610 G06
0.961
0.979
0.982
0.973
–25
35
155
TEMPERATURE (°C)
–55
0.95
0.96
0.98
0.99
1.00
65
1.04
8610 G07
0.97
5
–25
95
125
35
155
1.01
1.02
1.03
EN RISING
EN FALLING
LOAD CURRENT (A)
0
–0.25
–0.15
–0.05
0.05
0.5
1
1.5
2
8610 G08
2.5
0.15
0.25
–0.20
–0.10
0
0.10
0.20
3
VOUT = 3.3V
VIN = 12V
INPUT VOLTAGE (V)
0
0.02
0.06
0.10
40
8610 G09
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
10
5
20
15
30 35
45
25
VOUT = 3.3V
ILOAD = 0.5A


Similar Part No. - LT8610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Analog Devices
LT8610 AD-LT8610 Datasheet
3Mb / 34P
   Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Analog Devices
LT8610 AD-LT8610 Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
More results

Similar Description - LT8610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
   42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
   42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com