Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8309 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8309
Description  Secondary-Side Synchronous Rectifier Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8309 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8309 Datasheet HTML 6Page - Linear Technology LT8309 Datasheet HTML 7Page - Linear Technology LT8309 Datasheet HTML 8Page - Linear Technology LT8309 Datasheet HTML 9Page - Linear Technology LT8309 Datasheet HTML 10Page - Linear Technology LT8309 Datasheet HTML 11Page - Linear Technology LT8309 Datasheet HTML 12Page - Linear Technology LT8309 Datasheet HTML 13Page - Linear Technology LT8309 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT8309
11
8309fa
For more information www.linear.com/LT8309
40W, 5V Isolated Telecom Supply
Typical applicaTions
INTVCC
VCC
VOUT+
5V, 8A
VOUT–
6.2V
CENTRAL SEMI:
CMZ5920B
VIN
36V TO
72V
GATE
8309 TA03
DRAIN
GND
100pF
60
6.04k
147k
LT8309
0.1µF
30.9k
12.1k
15nF
12m
GATE
SENSE
RREF
INTVCC
VC
SS
TC
EN/UVLO
RFB
GND
LT3748
5.33:1 PULSE: PA1735NL
10
2.15k
4.7µF
INFINEON:
BSC320N20NS3
INFINEON:
BSC028N06LS
4.7µF
400µF
412k
15.4k
10µF
1µF
VIN


Similar Part No. - LT8309

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8309 AD-LT8309 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8309 AD-LT8309 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8309 AD-LT8309 Datasheet
1Mb / 20P
   Industrial SPoE PD Controller
Rev. 0
More results

Similar Description - LT8309

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
   Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
   Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com