Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD45128163G5-A80 Datasheet(PDF) 10 Page - NEC

Part # UPD45128163G5-A80
Description  128M-bit Synchronous DRAM 4-bank, LVTTL
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD45128163G5-A80 Datasheet(HTML) 10 Page - NEC

Back Button UPD45128163G5-A80 Datasheet HTML 6Page - NEC UPD45128163G5-A80 Datasheet HTML 7Page - NEC UPD45128163G5-A80 Datasheet HTML 8Page - NEC UPD45128163G5-A80 Datasheet HTML 9Page - NEC UPD45128163G5-A80 Datasheet HTML 10Page - NEC UPD45128163G5-A80 Datasheet HTML 11Page - NEC UPD45128163G5-A80 Datasheet HTML 12Page - NEC UPD45128163G5-A80 Datasheet HTML 13Page - NEC UPD45128163G5-A80 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Data Sheet M12650EJBV0DS00
10
µµµµPD45128441, 45128841, 45128163
1. Input / Output Pin Function
Pin name
Input / Output
Function
CLK
Input
CLK is the master clock input. Other inputs signals are referenced to the CLK rising
edge.
CKE
Input
CKE determine validity of the next CLK (clock). If CKE is high, the next CLK rising edge
is valid; otherwise it is invalid. If the CLK rising edge is invalid, the internal clock is not
issued and the
µPD45128xxx suspends operation.
When the
µPD45128xxx is not in burst mode and CKE is negated, the device enters
power down mode. During power down mode, CKE must remain low.
/CS
Input
/CS low starts the command input cycle. When /CS is high, commands are ignored but
operations continue.
/RAS, /CAS, /WE
Input
/RAS, /CAS and /WE have the same symbols on conventional DRAM but different
functions. For details, refer to the command table.
A0 - A11
Input
Row Address is determined by A0 - A11 at the CLK (clock) rising edge in the active
command cycle. It does not depend on the bit organization.
Column Address is determined by A0 - A9, A11 at the CLK rising edge in the read or
write command cycle. It depends on the bit organization: A0 - A9, A11 for
×4 device, A0
- A9 for
×8 device, A0 - A8 for ×16 device.
A10 defines the precharge mode. When A10 is high in the precharge command cycle,
all banks are precharged; when A10 is low, only the bank selected by BA0(A13) and
BA1(A12) is precharged.
When A10 is high in read or write command cycle, the precharge starts automatically
after the burst access.
BA0, BA1
Input
BA0(A13) and BA1(A12) are the bank select signal. In command cycle, BA0(A13) and
BA1(A12) low select bank A, BA0(A13) high and BA1(A12) low select bank B, BA0(A13)
low and BA1(A12) high select bank C and then BA0(A13) and BA1(A12) high select
bank D.
DQM, UDQM, LDQM
Input
DQM controls I/O buffers. In
×16 products, UDQM and LDQM control upper byte and
lower byte I/O buffers, respectively.
In read mode, DQM controls the output buffers like a conventional /OE pin.
DQM high and DQM low turn the output buffers off and on, respectively.
The DQM latency for the read is two clocks.
In write mode, DQM controls the word mask. Input data is written to the memory cell if
DQM is low but not if DQM is high.
The DQM latency for the write is zero.
DQ0 - DQ15
Input / Output
DQ pins have the same function as I/O pins on a conventional DRAM.
VCC, VSS, VCCQ, VSSQ
(Power supply)
VCC and VSS are power supply pins for internal circuits. VCCQ and VSSQ are power
supply pins for the output buffers.


Similar Part No. - UPD45128163G5-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD45128163G5-A80-9JF ELPIDA-UPD45128163G5-A80-9JF Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163G5-A80I-9JF ELPIDA-UPD45128163G5-A80I-9JF Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163G5-A80L-9JF ELPIDA-UPD45128163G5-A80L-9JF Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163G5-A80LI-9JF ELPIDA-UPD45128163G5-A80LI-9JF Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163G5-A80LT-9JF ELPIDA-UPD45128163G5-A80LT-9JF Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - UPD45128163G5-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-I ELPIDA-PD45128441-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com