Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH3135-5M Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # PH3135-5M
Description  Radar Pulsed Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH3135-5M Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  PH3135-5M_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH3135-5M_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH3135-5M_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
5W, 3.1-3.5 GHz, 100µs Pulse, 10% Duty
M/A-COM Products
Released, 10 Jul 07
PH3135-5M
2
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
3.1
24 - j4.4
24 - j20
3.3
20 - j0.7
18 - j11
3.5
17 + j3.9
15 - j3.0
RF Test Fixture Impedance
Gain vs. Frequency
Collector Efficiency vs. Frequency
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-T
(2:1)
3.1
0.7
7.37
10.22
0.565
39.5
-10.6
P
3.3
0.7
6.98
9.98
0.558
37.9
-19.3
P
3.5
0.7
6.36
9.58
0.523
36.9
-11.2
P
8.5
9.0
9.5
10.0
10.5
3.1
3.2
3.3
3.4
3.5
Freq (GHz)
30
33
36
39
42
3.1
3.2
3.3
3.4
3.5
Fre q (GHz)


Similar Part No. - PH3135-5M_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH3135-5M MA-COM-PH3135-5M_17 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
More results

Similar Description - PH3135-5M_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor
PH1214-100EL MA-COM-PH1214-100EL_17 Datasheet
655Kb / 4P
   Radar Pulsed Power Transistor
PH1214-110M MA-COM-PH1214-110M_17 Datasheet
656Kb / 4P
   Radar Pulsed Power Transistor
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
PH1214-2M MA-COM-PH1214-2M_17 Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor
PH1214-25M MA-COM-PH1214-25M_17 Datasheet
648Kb / 4P
   Radar Pulsed Power Transistor
MAPR-001214-380M MA-COM-MAPR-001214-380M_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com