Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3460 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3460
Description  1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3460_15 Datasheet HTML 4Page - Linear Technology LT3460_15 Datasheet HTML 5Page - Linear Technology LT3460_15 Datasheet HTML 6Page - Linear Technology LT3460_15 Datasheet HTML 7Page - Linear Technology LT3460_15 Datasheet HTML 8Page - Linear Technology LT3460_15 Datasheet HTML 9Page - Linear Technology LT3460_15 Datasheet HTML 10Page - Linear Technology LT3460_15 Datasheet HTML 11Page - Linear Technology LT3460_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT3460/LT3460-1
9
3460fb
TYPICAL APPLICATIONS
5V to 12V Step-Up Converter
Efficiency
VIN
2.7V
TO
4.2V
L1
10μH
D1
39.2k
13k
C2
4.7μF
6.3V
50pF
C1
4.7μF
VIN
SW
FB
SHDN
GND
LT3460
3460 TA07
C1: TAIYO YUDEN X5R JMK212BJ475
C2: TAIYO YUDEN X5R JMK212BJ475
D1: PHILIPS PMEG2010
L1: MURATA LQH32CN-100 OR EQUIVALENT
VOUT
5V
+
LOAD CURRENT (mA)
0
80
82
84
150
3460 TA07a
78
76
74
50
100
200
250
72
70
90
88
86
VIN = 2.7V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
12V to 36V Step-Up Converter
Load Step Response
5V to 36V Step-Up Converter
Load Step Response
VIN
12V
L1
47μH
D1
D2
278k
10k
C2
0.22μF
50V
22pF
C1
1μF
16V
VIN
SW
FB
SHDN
GND
LT3460
3460 TA04
C1: TAIYO YUDEN X5R EMK212BJ105
C2: TAIYO YUDEN X7R UMK212BJ224
D1, D2: CENTRAL SEMICONDUCTOR CMOD4448
L1: TAIYO YUDEN LB2012
VOUT
36V
4mA
100μs/DIV
3460 TA04a
4mA
2mA
VOUT
100mV/DIV
ILOAD
VIN
5V
VOUT
36V
4mA
L1
47μH
D1
D2
278k
10k
C2
0.22μF
50V
22pF
C1
1μF
6.3V
VIN
SW
FB
SHDN
GND
LT3460
3460 TA05
C1: TAIYO YUDEN X5R JMK107BJ105
C2: TAIYO YUDEN X7R UMK212BJ224
D1, D2: CENTRAL SEMICONDUCTOR CMOD4448
L1: TAIYO YUDEN LB2012
100μs/DIV
3460 TA05a
4mA
2mA
VOUT
100mV/DIV
ILOAD


Similar Part No. - LT3460_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460-1 LINER-LT3460-1 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460-1 LINER-LT3460-1_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
More results

Similar Description - LT3460_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3460-1 LINER-LT3460-1_15 Datasheet
207Kb / 12P
   1.3 MHz/650kHz Step-Up DC/DC Converter in SC70, ThinSOT and DFN
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
   1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
LT1937 LINER-LT1937 Datasheet
362Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1937 LINER-LT1937_15 Datasheet
368Kb / 12P
   White LED Step-Up Converter in SC70 and ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com