Electronic Components Datasheet Search |
|
LT1781 Datasheet(PDF) 6 Page - Linear Technology |
|
LT1781 Datasheet(HTML) 6 Page - Linear Technology |
6 / 12 page 6 LT1780/LT1781 VCC: 5V Input Supply Pin. This pin should be decoupled with a 0.1 µF ceramic capacitor close to the package pin. Insufficient supply bypassing can result in low output drive levels and erratic charge pump operation. GND: Ground Pin. ON/OFF: A TTL/CMOS Compatible Operating Mode Con- trol. A logic low puts the LT1780 in SHUTDOWN mode. Supply current drops to zero and both driver and receiver outputs assume a high impedance state. A logic high fully enables the device. V+: Positive Supply Output (RS232 Drivers). V+ ≈ 2VCC – 1.5V. This pin requires an external charge storage capacitor C ≥ 0.1µF, tied to ground or VCC. Larger value capacitors may be used to reduce supply ripple. With multiple transceivers, the V+ and V – pins may be paralleled into common capacitors. V–: Negative Supply Output (RS232 Drivers). V – ≈ –(2VCC – 2.5V). This pin requires an external charge storage capacitor C ≥ 0.1µF. Larger value capacitors may be used to reduce supply ripple. With multiple transceiv- ers, the V+ and V – pins may be paralleled into common capacitors. TR1 IN, TR2 IN: RS232 Driver Input Pins. These inputs are TTL/CMOS compatible. Inputs should not be allowed to float. Tie unused inputs to VCC. TR1 OUT, TR2 OUT: Driver Outputs at RS232 Voltage Levels. Driver output swing meets RS232 levels for loads up to 3k. Slew rates are controlled for lightly loaded lines. Output current capability is sufficient for load conditions up to 2500pF. Outputs are in a high impedance state when in SHUTDOWN mode or VCC = 0V. Outputs are fully short- circuit protected from V – + 30V to V + – 30V. Applying higher voltages will not damage the device if the overdrive is moderately current limited. Short circuits on one output can load the power supply generator and may disrupt the signal levels of the other outputs. The driver outputs are protected against ESD to IEC-1000-4-2 Level 4 discharges. REC1 IN, REC2 IN: Receiver Inputs. These pins accept RS232 level signals ( ±30V) into a protected 5k terminat- ing resistor. The receiver inputs are protected against ESD to IEC-1000-4-2 Level 4 discharges. Each receiver pro- vides 0.4V of hysteresis for noise immunity. Open receiver inputs result in a logic high receiver output state. REC1 OUT, REC2 OUT: Receiver outputs with TTL/CMOS Voltage Levels. Outputs are in a high impedance state when in SHUTDOWN mode to allow data line sharing. Outputs are fully short-circuit protected to ground or VCC with the power ON, OFF or in the SHUTDOWN mode. C1+, C1–, C2 +, C2 –: Commutating Capacitor Inputs. These pins require two external capacitors C ≥ 0.1µF: one from C1+ to C1– and another from C2+ to C2 –. C1 should be deleted if a separate 12V supply is available and connected to pin C1+. Similarly, C2 should be deleted if a separate – 12V supply is connected to pin V –. PI FU CTIO S |
Similar Part No. - LT1781_15 |
|
Similar Description - LT1781_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |