Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1587-1.5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1587-1.5
Description  Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1587-1.5 Datasheet(HTML) 1 Page - Linear Technology

  LT1587-1.5 Datasheet HTML 1Page - Linear Technology LT1587-1.5 Datasheet HTML 2Page - Linear Technology LT1587-1.5 Datasheet HTML 3Page - Linear Technology LT1587-1.5 Datasheet HTML 4Page - Linear Technology LT1587-1.5 Datasheet HTML 5Page - Linear Technology LT1587-1.5 Datasheet HTML 6Page - Linear Technology LT1587-1.5 Datasheet HTML 7Page - Linear Technology LT1587-1.5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1587-1.5
Fixed 1.5V, 3A
Low Dropout
Fast Response
GTL+ Regulator
The LT
®1587-1.5 is a low dropout 3-terminal regulator
with a fixed 1.5V output voltage and 3A output current
capability. The design is optimized for low voltage applica-
tions where transient response and minimum input voltage
are critical. Similar to the LT1085, it has lower dropout and
faster transient response. These improvements make it
ideal for low voltage microprocessor applications, espe-
cially as the regulator in an Intel Pentium Pro processor
GTL+ supply.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal lim-
iting provides protection against any combination of over-
load that creates excessive junction temperatures.
The LT1587-1.5 is available in both the through-hole and
surface mount versions of the industry standard 3-pin
TO-220 power package.
DESCRIPTION
s
Fast Transient Response
s
Guaranteed Dropout Voltage at Multiple Currents
s
Load Regulation: 0.05% Typ
s
Trimmed Current Limit
s
On-Chip Thermal Limiting
FEATURES
APPLICATIONS
s
Intel Pentium
® Pro Processor GTL+ Supply
s
Low Voltage Logic Supplies
s
Battery-Powered Circuitry
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation
TYPICAL APPLICATION
Intel Pentium Pro Processor GTL+ Supply
C2, C3
100
µF
10V
AVX TPS
C1
100
µF
10V
AVX TPS
+
C4 TO
C6
1
µF
C8, C9
100
µF
10V
AVX TPS
C10 TO C12
1
µF
C7
100
µF
10V
AVX TPS
R1
75
R5
100
R2
150
VREF
R4
150
VREF
R7
100
R8
100
R6
100
R3
75
Q1
Q3
+
+
VOUT
VIN
GND
LT1587-1.5
3.3V
3.3V
VTT = 1.5V
3A
VTT = 1.5V
3A
VIN
VOUT
GND
LT1587-1.5
142 TOTAL SIGNAL LINES
C13
0.1
µF
C14
0.1
µF
Q4
Q2
+
LT1587 • TA01
RX
TX
RX
TX
RX
TX
RX
TX
NOTE: LTC RECOMMENDS SEPARATE
VTT GENERATORS AT EACH BUS END
TO ENSURE CURRENT SHARING
BETWEEN THE REGULATORS AND TO
MINIMIZE VTT DISTRIBUTION DROPS


Similar Part No. - LT1587-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1587-1.5 LINER-LT1587-1.5 Datasheet
197Kb / 8P
   Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
More results

Similar Description - LT1587-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1587-1.5 LINER-LT1587-1.5 Datasheet
197Kb / 8P
   Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
LT1585A-1.5 LINER-LT1585A-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585-1.5 LINER-LT1585-1.5_15 Datasheet
157Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585-1.5 LINER-LT1585-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com