Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFF160-06DT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # UFF160-06DT
Description  16 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

UFF160-06DT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  UFF160-06DT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. UFF160-06DT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
High current capability
Case: Fully Insulated TO-220FP FullPak Plastic
High surge current capability
Weight: 2.1 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
ITO-220AB
Unit:mm
®
UFF160-02DT thru UFF160-06DT
Pb Free Plating Product
UFF160-02DT thru UFF160-06DT
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
250
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
200
400
1.3
1.7
Rev.05
UFF160-02DT UFF160-04DT UFF160-06DT
16 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Reverse Doubler
Tandem Polarity
Suffix "AT"
Suffix "ST"
Latest GPP technology with super fast recovery time
Doubler
Tandem Polarity
Suffix "DT"


Similar Part No. - UFF160-06DT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
UFF160-06DT FRONTIER-UFF160-06DT Datasheet
131Kb / 2P
   16A DUAL ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UFF160-06DT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UFF160-02ST THINKISEMI-UFF160-02ST Datasheet
269Kb / 2P
   16 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifier
MURF1620DR THINKISEMI-MURF1620DR Datasheet
269Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
YG902D2 THINKISEMI-YG902D2 Datasheet
665Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
F10P20FD THINKISEMI-F10P20FD Datasheet
667Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
MUR1620DR THINKISEMI-MUR1620DR Datasheet
276Kb / 2P
   16.0 Ampere Reverse Doubler Polarity Ultra Fast Recovery Half Bridge Rectifier
C10P20FD THINKISEMI-C10P20FD Datasheet
693Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
D8LD20UR THINKISEMI-D8LD20UR Datasheet
670Kb / 2P
   10 Ampere Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
MUR1620DT THINKISEMI-MUR1620DT Datasheet
357Kb / 2P
   16 Ampere Heatsink Doubler Polarity Fast Recovery Half Bridge Rectifiers
ER1602D THINKISEMI-ER1602D Datasheet
330Kb / 2P
   16 Ampere Heatsink Doubler Polarity Fast Recovery Half Bridge Rectifiers
USR30PD2B THINKISEMI-USR30PD2B Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com