Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4192 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 2Page - STMicroelectronics AN4192 Datasheet HTML 3Page - STMicroelectronics AN4192 Datasheet HTML 4Page - STMicroelectronics AN4192 Datasheet HTML 5Page - STMicroelectronics AN4192 Datasheet HTML 6Page - STMicroelectronics AN4192 Datasheet HTML 7Page - STMicroelectronics AN4192 Datasheet HTML 8Page - STMicroelectronics AN4192 Datasheet HTML 9Page - STMicroelectronics AN4192 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Synchronous buck converter: a brief introduction
AN4192
6/47
Doc ID 023820 Rev 1
1
Synchronous buck converter: a brief introduction
The basic topology of a single-phase synchronous buck converter (SBC) is shown in
Figure 1; SW1 is the main (or high-side) FET, SW2 is the synchronous (or low-side) FET, L
and C are the output filters.
Figure 1.
Synchronous buck converter simplified schematic
Comparing this topology to the standard buck converter, the main difference is the
synchronous rectifier (SW2) instead of the free-wheeling diode; as VDS(on) < VF,DIODE, a
strong reduction of the ON-state losses is guaranteed.
SW1 and SW2 are driven in a “synchronous” way: in other words, the control IC generates
the gate driving signals, avoiding the simultaneous conduction of the two FETs (cross-
conduction or shoot-through). So, when SW1 is in the ON-state, SW2 is turned off and vice
versa. Obviously, to prevent HS and LS gate-source voltages overlapping and any cross-
conduction issue, there are some time intervals (fixed by the control IC) where HS and LS
FETs are in the OFF-state (deadtime).
In Figure 2, the typical waveforms of a single-phase synchronous buck converter are
represented. When the HS FET (SW1) is turned on, its drain current rises with a positive
slope:
during HS ton. When HS switches off, the LS FET remains in the HOLD state: the energy
stored in L can't become zero immediately, so it freewheels through the LS body-drain diode
(from source to drain, VDS,LS = -0.7 V). When the LS turns on, the load current diverts from
the body diode to the LS channel, with a negative slope:
AM16445V1
dI
L
dt
--------
V
in
V
core
L
----------------------------
=


Similar Part No. - AN4192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
AN4191 STMICROELECTRONICS-AN4191 Datasheet
1Mb / 20P
   This report shows the analysis performed on Power MOSFET devices
AN4193 STMICROELECTRONICS-AN4193 Datasheet
316Kb / 10P
   Low duty cycle operation with the SPIRIT1 transceiver
AN4195 STMICROELECTRONICS-AN4195 Datasheet
731Kb / 24P
   STM32F30x ADC modes and application
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
   The SPIRIT1 is a very low-power RF transceiver
More results

Similar Description - AN4192

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Texas Instruments
AM5K2E02 TI-AM5K2E02 Datasheet
520Kb / 4P
[Old version datasheet]   Applications of the K2H and K2E platforms in high-end imaging
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com