Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH8050QLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LH8050QLT1G
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LH8050QLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LH8050QLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LH8050QLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LH8050QLT1G_15 Datasheet HTML 3Page - Leshan Radio Company LH8050QLT1G_15 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
––
V
(IC=2.0mA,I =0)
Emitter-Base Breakdown Voltage
V(BR)EBO
6
––
V
(IE=100
,I =0
µΑ
)
Collector-Base Breakdown Voltage
V(BR)CBO
50
––
V
(IC=100
,I =0
µΑ
)
Collector Cutoff Current (VCB=35V,I =0)
ICBO
100
nA
Emitter Cutoff Current (VEB=6V,I =0)
IEBO
100
nA
DC Current Gain
IC=100mA,VCE=1V
hFE
100
-
320
Collector-Emitter Saturation Voltage
(IC=800mA IB=80mA)
VCE(S)
-
-
0.5
NOTE :
*
P
hFE
100~200
160~320
V
B
C
E
E
C
DC Current Gain
IC=800mA,VCE=1V
hFE
40
-
-
*
Q
Base-Emitter Voltage (VCE=1V,I =10mA)
VBE
0.66
1
V
C
Rev.B 2/4
LH8050PLTIG Series , S-LH8050PLTIG Series


Similar Part No. - LH8050QLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LH8050QLT1G LRC-LH8050QLT1G Datasheet
565Kb / 4P
   General Purpose Transistors NPN Silicon Epitaxial planar type.
More results

Similar Description - LH8050QLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com