Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC846BLT1G Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LBC846BLT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC846BLT1G Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LBC846BLT1G_15 Datasheet HTML 5Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 6Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 7Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 8Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 9Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 10Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 11Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 12Page - Leshan Radio Company LBC846BLT1G_15 Datasheet HTML 13Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
Figure 21. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 22. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
1.0
10
100
-55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 23. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 24. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4
0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7
1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
LBC847B, LBC848B, LBC849B, LBC850B
Rev.A 9/13
LBC846ALT1G Series
S-LBC846ALT1G Series


Similar Part No. - LBC846BLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846BLT1G LRC-LBC846BLT1G Datasheet
135Kb / 6P
   General Purpose Transistors NPN Silicon
LBC846BLT1G LRC-LBC846BLT1G Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC846BLT1G LEIDITECH-LBC846BLT1G Datasheet
1Mb / 13P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC846BLT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com