Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF12102G900-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MCF12102G900-T
Description  Multilayer Common Mode Choke Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MCF12102G900-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MCF12102G900-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS
Multilayer Common Mode Choke Coils
MCF12102G900-T
Features
Item Summary
0.1A
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 5000pcs
Products characteristics table
External Dimensions
1(±0.15) × 1.25(±0.15)mm
Impedance
90Ω
Impedance Measuring Frequency
100MHz
DC Resistance (max)
4.5Ω
Rated Current
0.1A
Resistance
100MΩ min.
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.15
W
1.25mm ±0.15
T
0.55mm ±0.1
2015.06.01
1 / 1


Similar Part No. - MCF12102G900-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCF12102G400-T TAIYO-YUDEN-MCF12102G400-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
More results

Similar Description - MCF12102G900-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCF20104H900-T TAIYO-YUDEN-MCF20104H900-T Datasheet
259Kb / 2P
   Multilayer Common Mode Choke Coils
MCF08062G120-T TAIYO-YUDEN-MCF08062G120-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF08062G900-T TAIYO-YUDEN-MCF08062G900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H900-T TAIYO-YUDEN-MCF12102H900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF20104G900-T TAIYO-YUDEN-MCF20104G900-T Datasheet
144Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H500-T TAIYO-YUDEN-MCF12102H500-T Datasheet
158Kb / 1P
   Multilayer Common Mode Choke Coils
logo
TAI-TECH Advanced Elect...
MCF0605NF2 TAI-TECH-MCF0605NF2 Datasheet
151Kb / 2P
   Multilayer Common Mode Choke Coils
logo
Taiyo Yuden (U.S.A.), I...
MCF06052G120-T TAIYO-YUDEN-MCF06052G120-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF06052G350-T TAIYO-YUDEN-MCF06052G350-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
logo
TAI-TECH Advanced Elect...
MCF1210NF2 TAI-TECH-MCF1210NF2 Datasheet
102Kb / 2P
   Multilayer Common Mode Choke Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com