Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4022 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4022 Datasheet HTML 1Page - STMicroelectronics AN4022 Datasheet HTML 2Page - STMicroelectronics AN4022 Datasheet HTML 3Page - STMicroelectronics AN4022 Datasheet HTML 4Page - STMicroelectronics AN4022 Datasheet HTML 5Page - STMicroelectronics AN4022 Datasheet HTML 6Page - STMicroelectronics AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Clamping characteristic
AN4022
4/15
DocID022589 Rev 2
The clamping characteristic of a bidirectional TVS is shown in Figure 4.
Figure 4. Typical clamping characteristic bidirectional device
Some TVS devices have a breakdown characteristic with a “snap-back” effect, allowing a
lower VBR value in one or both polarities, or a mix of the two characteristics (Figure 5).
Figure 5. Typical clamping characteristic of a “snap-back” TVS
V
I
V
BR
1 mA
R
R
D
Breakdown area
V
BR
Breakdown area
1 mA
I
PP
V
CL
V
CL
I
PP
D
I
V
V
BR
1 mA
R
D
R
D
Breakdown area
Forward junction
area
I
PP
V
CL
I
PP
V
CL
Snap-back effect


Similar Part No. - AN4022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
   Calculation of reverse losses in a power diode
logo
Freescale Semiconductor...
AN4025 FREESCALE-AN4025 Datasheet
2Mb / 31P
   Implementing a Glucometer and Blood Pressure Monitor Medical Devices
logo
STMicroelectronics
AN4026 STMICROELECTRONICS-AN4026 Datasheet
994Kb / 40P
   using the L6563H and L6699
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
   This application note describes the EVL6699-150W-SR demonstration
More results

Similar Description - AN4022

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMDA33CDN LEIDITECH-SMDA33CDN Datasheet
1Mb / 5P
   LOW CLAMPING VOLTAGE TVS DIODE
ESD3364T6 LEIDITECH-ESD3364T6 Datasheet
802Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3365T6 LEIDITECH-ESD3365T6 Datasheet
756Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD0564T6 LEIDITECH-ESD0564T6 Datasheet
714Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SDC12DT3 LEIDITECH-SDC12DT3 Datasheet
325Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SMDA36C LEIDITECH-SMDA36C Datasheet
694Kb / 4P
   Low Clamping Voltage TVS Diode Array
Rev : 01.06.2015
ESD0565T6 LEIDITECH-ESD0565T6 Datasheet
677Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
logo
Texas Instruments
BQ27621-G1 TI1-BQ27621-G1_16 Datasheet
1Mb / 26P
[Old version datasheet]   System-Side Fuel Gauge With Dynamic Voltage Correlation
logo
Alpha & Omega Semicondu...
AOZ8S502BS2-03 AOSMD-AOZ8S502BS2-03 Datasheet
417Kb / 5P
   2-Channel Bidiretional Low Clamping Voltage TVS
Rev. 1.0 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com