Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER105 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # HER105
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

HER105 Datasheet(HTML) 2 Page - Compact Technology Corp.

  HER105 Datasheet HTML 1Page - Compact Technology Corp. HER105 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER101 thru HER108
RATINGS AND CHARACTERISTIC CURVES
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
1cm
50
10
NONINDUCTIVE
NONINDUCTIVE
DUT
PULSE
GENERATOR
(NOTE 2 )
OSCILLOSCOPE
(NOTE 2 )
NONINDUCTIVE
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7ns max. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISE TIME = 10ns max. SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-02.5A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
2.0
1.0
25
50
75 100 125
150 175
FIG . 2 -MAXIMUM AVERAGE
FORWARD CURRENT DERATING
O
AMBIENT TEMPERATURE . ( C)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
FIG . 4 -TYPICAL REVERSE CHARACTERISTICS
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
PERCENT OF RATED PEAK REVERSE VOLTAGE . (% )
0
20
40
60
80
100
120
140
1000
100
1
10
O
T =100
J
C
O
T =25
J
C
FORWARD VOLTAGE . ( V )
FIG . 5- MAXIMUM NON - REPETITIVE FORWARD
SURGE CURRENT
FIG . 6 -TYPICAL REVERSE CHARACTERISTICS
10
1.0
0.1
0.01
.001
.2
.4
.6
.8
1.0
1.2
1.4
HER101-HER105
8.3ms Single Half Sine
Wave JEDEC Method
NUMBER OF CYCLES AT 60Hz
.1
.5
1
2
5
10 20
50
100 200 500 1000
REVERSE VOLTAGE . ( V )
70
60
50
40
30
20
10
0
35
30
25
20
15
10
0
1
2
5
10
20
50
1 00
0
HER106-HER108
CTC0051 Ver. 2.0
2 of 2
HER101 thru HER108


Similar Part No. - HER105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER105 MOSPEC-HER105 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER105 DGNJDZ-HER105 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diotech Company.
HER105 DIOTECH-HER105 Datasheet
830Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
GOOD-ARK Electronics
HER105 GOOD-ARK-HER105 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Microdiode Electronics ...
HER105 CHENDA-HER105 Datasheet
587Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER105

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com