Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1357 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1357
Description  25MHz, 600V/s Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology LT1357 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1357
Small-Signal Transient
(AV = –1, CL = 1000pF)
1357 TA31
1357 TA32
1357 TA33
FREQUENCY (Hz)
100k
1M
0
30
10M
1357 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 2k
AV = 1, 1% MAX DISTORTION
AV = –1, 2% MAX DISTORTION
Undistorted Output Swing vs
Frequency (
±15V)
FREQUENCY (Hz)
100k
1M
0
10
10M
1357 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 2k
2% MAX DISTORTION
Undistorted Output Swing vs
Frequency (
±5V)
Capacitive Load Handling
CAPACITIVE LOAD (F)
10p
0
100
1
µ
1357 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
VS = ±15V
TA = 25°C
Small-Signal Transient
(AV = –1)
1354 G29
0.15
0.10
0.05
SUPPLY VOLTAGE (V)
0.50
0.45
0.40
0.35
±5
±10
±15
AV = 2
RL = 1k
TA = 25°C
DIFFERENTIAL PHASE
DIFFERENTIAL GAIN
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.0001
0.01
100
100k
1357 G25
1k
0.001
10k
AV = –1
AV = 1
TA = 25°C
VO = 3VRMS
RL = 2k
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
100k 200k
400k
–90
–80
–70
–60
–50
–40
–30
10M
1357 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 2k
AV = 2
3RD HARMONIC
2ND HARMONIC
Differential Gain and Phase
vs Supply Voltage
Small-Signal Transient
(AV = 1)


Similar Part No. - LT1357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Linear Integrated Syste...
LT1357 LINEAR-LT1357 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1357 LINER-LT1357 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1357 LINER-LT1357 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1358 LINER-LT1358_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
   50MHz, 800V/s Op Amp
LT1354 LINER-LT1354_15 Datasheet
264Kb / 12P
   12MHz, 400V/s Op Amp
LT1363 LINER-LT1363_15 Datasheet
219Kb / 12P
   70MHz, 1000V/s Op Amp
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
   Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com