Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1313 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 5 Page - Linear Technology

  LT1313_15 Datasheet HTML 1Page - Linear Technology LT1313_15 Datasheet HTML 2Page - Linear Technology LT1313_15 Datasheet HTML 3Page - Linear Technology LT1313_15 Datasheet HTML 4Page - Linear Technology LT1313_15 Datasheet HTML 5Page - Linear Technology LT1313_15 Datasheet HTML 6Page - Linear Technology LT1313_15 Datasheet HTML 7Page - Linear Technology LT1313_15 Datasheet HTML 8Page - Linear Technology LT1313_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1313
PIN FUNCTIONS
Supply Pins: Power is supplied to the device through the
two supply pins
which must be connected together at all
times . The supply pins should be bypassed to ground if
the device is more than six inches away from the main
supply capacitor. A bypass capacitor in the range of 0.1
µF
to 1
µF is sufficient. The supply voltage to the LT1313 can
be loosely regulated between 13V and 20V.
VPPOUT Pins: Each regulated output supplies power to the
two PCMCIA card VPP pins which are typically tied to-
gether at the socket. Each VPPOUT output is current limited
to approximately 330mA. Thermal shutdown provides a
second level of protection. A 1
µF to 10µF tantalum output
capacitor is recommended.
Input Enable Pins: The four digital input pins are high
impedance inputs with approximately 20
µA input current
at 2.4V. The input thresholds are compatible with CMOS
controllers and can be driven from either 5V or 3.3V CMOS
logic. ESD protection diodes limit input excursions to 0.6V
below ground.
VALID Output Pins: These pins are open-collector NPN
outputs which are driven low when the corresponding
VPPOUT pin is in regulation, i.e., when it is above 11V. Two
external 51k pull-up resistors are connected between
these outputs and the same 5V or 3.3V logic supply
powering the PCMCIA compatible control logic.
VCC Sense Pins: Two independent comparators and 4V
references automatically switch the VPPOUT outputs from
5V to 3.3V depending upon the voltage sensed at the
corresponding PCMCIA card socket VCC pin. The input
current for these pins is approximately 30
µA. For 5V only
operation, connect the Sense pins directly to ground. An
ESD protection diode limits the input voltage to 0.6V below
ground.
Ground Pins:
The two ground pins must be connected
together at all times.
BLOCK DIAGRAM (One Channel)
+
+
XVPPOUT
XVCC SENSE
VS
XEN0
XEN1
XVALID
1313 BD
11V
LOW DROPOUT
LINEAR
REGULATOR
VOLTAGE
LOGIC CONTROL
4V
X = A OR B


Similar Part No. - LT1313_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313CS LINER-LT1313CS Datasheet
252Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
More results

Similar Description - LT1313_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
   Dual PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
   Single PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
   Single PCMCIA VPP Driver/Regulator
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com