Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1305 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1305
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305 Datasheet(HTML) 3 Page - Linear Technology

  LT1305_15 Datasheet HTML 1Page - Linear Technology LT1305_15 Datasheet HTML 2Page - Linear Technology LT1305_15 Datasheet HTML 3Page - Linear Technology LT1305_15 Datasheet HTML 4Page - Linear Technology LT1305_15 Datasheet HTML 5Page - Linear Technology LT1305_15 Datasheet HTML 6Page - Linear Technology LT1305_15 Datasheet HTML 7Page - Linear Technology LT1305_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1305
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
2
3
4
5
6
8
–25
025
50
LT1305 • G01
75
100
7
Switch On Time
TEMPERATURE (
°C)
–50
50
60
65
70
75
80
85
–25
0
25
50
LT1305 • G03
75
90
95
100
55
100
Maximum Duty Cycle
TEMPERATURE (
°C)
–50
100
120
130
140
150
160
170
–25
0
25
50
LT1305 • G02
75
180
190
200
110
100
Oscillator Frequency
TEMPERATURE (
°C)
–50
100
120
130
140
150
160
170
–25
0
25
50
LT1305 • G04
75
180
190
200
110
100
SWITCH OFF
VIN = 2V
Quiescent Current
Quiescent Current
INPUT VOLTAGE (V)
0
300
400
500
8
LT1305 • G05
200
100
0
2
4
6
10
TA = 25°C
SWITCH OFF
Current Limit
TEMPERATURE (˚C)
–50
1.8
2.0
2.2
25
75
LT1305 • G06
1.6
1.4
–25
0
50
100
1.2
1.0
2.4
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1305 • G07
75
16
18
20
2
100
LBI Pin Bias Current
FB Pin Bias Current
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1305 • G08
75
16
18
20
2
100
FB Voltage
TEMPERATURE (
°C)
–50
1.200
1.210
1.215
1.220
1.225
1.230
1.235
–25
0
25
50
LT1305 • G09
75
1.240
1.245
1.250
1.205
100


Similar Part No. - LT1305_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1305CS8 LINER-LT1305CS8 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
More results

Similar Description - LT1305_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com