Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMJ4516HS111-TV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMJ4516HS111-TV
Description  Chip Bead Power Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMJ4516HS111-TV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FBMJ4516HS111-TV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
NOISE SUPPRESSION COMPONENTS (High Reliability Application)
Chip Bead Power Inductors for Automotive / Industrial Applications (FB series M type)
FBMJ4516HS111-TV
Features
Item Summary
110Ω, 4A, 1806
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1806/4516
Impedance
110Ω
Impedance Measuring Frequency
100MHz
Rated Current
4A
DC Resistance (max)
0.014Ω
Temperature Range
-40 to +125 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
4.5mm ±0.3
W
1.6mm ±0.2
T
1.1mm ±0.2
e
0.5mm ±0.3
2015.05.27
1 / 1


Similar Part No. - FBMJ4516HS111-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMJ4516HS111-TV TAIYO-YUDEN-FBMJ4516HS111-TV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
FBMJ4516HS111-TV TAIYO-YUDEN-FBMJ4516HS111-TV_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
More results

Similar Description - FBMJ4516HS111-TV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HL331-TV TAIYO-YUDEN-FBMH1608HL331-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL471-TV TAIYO-YUDEN-FBMH1608HL471-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH2016HM121NTV TAIYO-YUDEN-FBMH2016HM121NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ3216HS480NTV TAIYO-YUDEN-FBMJ3216HS480NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ1608HM230NTV TAIYO-YUDEN-FBMJ1608HM230NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL121-TV TAIYO-YUDEN-FBMH1608HL121-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HM471-TV TAIYO-YUDEN-FBMH1608HM471-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ1608HS280NTW TAIYO-YUDEN-FBMJ1608HS280NTW Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ4516HS720NTV TAIYO-YUDEN-FBMJ4516HS720NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH1608HL221-TV TAIYO-YUDEN-FBMH1608HL221-TV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com