Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1303-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1303-5
Description  Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1303-5 Datasheet(HTML) 3 Page - Linear Technology

  LT1303-5 Datasheet HTML 1Page - Linear Technology LT1303-5 Datasheet HTML 2Page - Linear Technology LT1303-5 Datasheet HTML 3Page - Linear Technology LT1303-5 Datasheet HTML 4Page - Linear Technology LT1303-5 Datasheet HTML 5Page - Linear Technology LT1303-5 Datasheet HTML 6Page - Linear Technology LT1303-5 Datasheet HTML 7Page - Linear Technology LT1303-5 Datasheet HTML 8Page - Linear Technology LT1303-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1303/LT1303-5
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (A)
0.1
150
200
250
225
175
125
75
25
0.8
LT1303 G01
100
50
0
0.2
1.0
0.3
0.5
0.7
0.9
0.4
0.6
1.0
LT1303 FB Voltage
TEMPERATURE (
°C)
–50
100
120
130
140
150
160
170
–25
0
25
50
LT1303 G02
75
180
190
200
110
100
ISW = 700mA
LT1303-5 Sense Pin Resistance
to Ground
Low Battery Detect Trip Point
LT1303-5 Sense Voltage
TEMPERATURE (˚C)
–50
700
800
900
25
75
LT1303 GO3
600
500
–25
0
50
100
400
300
1000
VCESAT vs Switch Current
LBI Pin Bias Current
FB Pin Bias Current
Switch Current Limit
TEMPERATURE (
°C)
–50
1.200
1.210
1.215
1.220
1.225
1.230
1.235
–25
0
25
50
LT1330 G04
75
1.240
1.245
1.250
1.205
100
TEMPERATURE (
°C)
–50
1.200
1.210
1.215
1.220
1.225
1.230
1.235
–25
0
25
50
LT1303 G06
75
1.240
1.245
1.250
1.205
100
TEMPERATURE (
°C)
–50
4.90
4.94
4.96
4.98
5.00
5.02
5.04
–25
0
25
50
LT1303 G05
75
5.06
5.08
5.10
4.92
100
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1303 G07
75
16
18
20
2
100
TEMPERATURE (
°C)
–50
–25
25
75
0.60
0.70
0.90
1.00
1.10
50
1.50
LT1303 G09
0.80
0
100
1.20
1.30
1.40
VIN = 2V
TEMPERATURE (
°C)
–50
0
4
6
8
10
12
14
–25
0
25
50
LT1303 G08
75
16
18
20
2
100
VCESAT vs Temperature


Similar Part No. - LT1303-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303-5 LINER-LT1303-5 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results

Similar Description - LT1303-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com