Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1271 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1271
Description  4A High Efficiency Switching Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1271 Datasheet(HTML) 8 Page - Linear Technology

  LT1271 Datasheet HTML 1Page - Linear Technology LT1271 Datasheet HTML 2Page - Linear Technology LT1271 Datasheet HTML 3Page - Linear Technology LT1271 Datasheet HTML 4Page - Linear Technology LT1271 Datasheet HTML 5Page - Linear Technology LT1271 Datasheet HTML 6Page - Linear Technology LT1271 Datasheet HTML 7Page - Linear Technology LT1271 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1271/LT1269
© LINEAR TECHNOLOGY CORPORATION 1992
TYPICAL APPLICATION
Negative Buck Converter
C1
L1**
100
µH
D1
MBR735
1271/69 TA05
12k
LT1271
VSW
FB
GND
VIN
VC
C2
100
µF
* REQUIRED IF INPUT LEADS
≥ 2"
** COILTRONICS CTX100-2-52
×
×
R1
4.64k
Q1
2N3906
R3
VIN
–8V TO –30V
C3*
100
µF
OPTIONAL
INTPUT
FILTER
L3
10
µH
R2
1.24k
LOAD
OPTIONAL
OUTPUT
FILTER
L2
4
µH
C4
200
µF
–5.2V AT 3.5A
+
+
+
127169fb LT/TP 0798 2K REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1171
100kHz, 2.5A Boost Switching Regulator
Good for VIN Up to 40V
LT1370
500kHz, 6A Boost Switching Regulator
6A, 42V Internal Switch
LT1371
500kHz, 3A Boost Switching Regulator
3A, 42V Internal Switch, 90% Efficiency
LT1372
500kHz, 1.5A Boost Switching Regulator
Also Regulates Negative Flyback Outputs
LT1374
500kHz, 4.5A Buck Switching Regulator
VIN Up to 25V, SO-8 Package
LT1376
500kHz, 1.5A Buck Switching Regulator
VIN Up to 25V, Uses 4.7µH Inductor
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com


Similar Part No. - LT1271

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1271 LINER-LT1271 Datasheet
212Kb / 8P
   4A High Efficiency Switching Regulators
LT1271CQ LINER-LT1271CQ Datasheet
212Kb / 8P
   4A High Efficiency Switching Regulators
LT1271CT LINER-LT1271CT Datasheet
212Kb / 8P
   4A High Efficiency Switching Regulators
More results

Similar Description - LT1271

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1271 LINER-LT1271 Datasheet
212Kb / 8P
   4A High Efficiency Switching Regulators
LT1269 LINER-LT1269_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1270 LINER-LT1270_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com