Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC7SZ86FU Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7SZ86FU
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ86FU Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7SZ86FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ86FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ86FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OUTPUT
INPUT
INPUT
CCD
L
w
L
C
L
R
CC
V
CC
V
t =3ns
t =3ns
90%
50%
10%
VCC
GND
tPHL
tPLH
t w
tPLH
tPHL
INPUT
Out of Phase
OUTPUT
In Phase
OUTPUT
r
f
OH
V
VOL
VOL
VOH
50%
50%
50%
50%
A
C includes load and stray capacitance
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR=1.0MHz ; t =500ns
r f
Input=AC Waveform ; t =t =1.8ns;
FIGURE 2. I
Test Circuit
PRR=10MHz ; Duty Cycle=50%
2002. 5. 13
3/3
KIC7SZ86FU
Revision No : 0
AC Characteristics
AC Loading and Waveforms
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation Delay
(Figures 1,3)
tPLH
tPHL
CL=15pF, RL=1MΩ
1.65
2.0
6.9
13.8
2.0
14.5
ns
1.8
2.0
5.7
11.5
2.0
12
2.5±0.2
0.8
3.8
8.0
0.8
8.5
3.3±0.3
0.5
3.0
5.7
0.5
6.0
5.0±0.5
0.5
2.4
5.0
0.5
5.4
tPLH
tPHL
CL=50pF, RL=500Ω
3.3±0.3
1.5
3.5
6.2
1.5
6.5
ns
5.0±0.5
0.8
2.9
5.4
1.0
5.8
Input Capacitance
CIN
0
-
4
-
-
-
pF
Power Dissipation
Capacitance (Figure 2)
CPD
(Note)
3.3
-
25
-
-
-
pF
5.0
-
31
-
-
-
Note : CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic
operating current by the exprssion : ICCD=CPD・VCC・fIN+ICC


Similar Part No. - KIC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ04 KEC-KIC7SZ04 Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU_15 Datasheet
35Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - KIC7SZ86FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S86FU KEC-KIC7S86FU Datasheet
242Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC74ACT86P TOSHIBA-TC74ACT86P Datasheet
254Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74AC86F TOSHIBA-TC74AC86F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74HC86AP TOSHIBA-TC74HC86AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
logo
KEC(Korea Electronics)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com