Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1727 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PA1727
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1727 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PA1727_15 Datasheet HTML 2Page - Renesas Technology Corp PA1727_15 Datasheet HTML 3Page - Renesas Technology Corp PA1727_15 Datasheet HTML 4Page - Renesas Technology Corp PA1727_15 Datasheet HTML 5Page - Renesas Technology Corp PA1727_15 Datasheet HTML 6Page - Renesas Technology Corp PA1727_15 Datasheet HTML 7Page - Renesas Technology Corp PA1727_15 Datasheet HTML 8Page - Renesas Technology Corp PA1727_15 Datasheet HTML 9Page - Renesas Technology Corp PA1727_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet G14330EJ3V0DS
4
µµµµPA1727
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
0.1
0.01
1
10
100
012345
TA = 150˚C
75˚C
25˚C
−25˚C
Pulsed
VDS = 10 V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0.2
0.4
0.6
0.8
1.0
40
50
Pulsed
VGS = 10 V
VGS = 4V
VGS = 4.5V
30
20
10
0
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
100
10
1
0.1
0.01
VDS = 10 V
Pulsed
TA = 150˚C
75˚C
25˚C
−25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
20
30
10
40
15
10
5
ID = 10 A
Pulsed
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
10
100
0.1
0
10
20
30
40
VGS = 10 V
VGS = 4.5 V
VGS = 4 V
Pulsed
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
0
50
100
150
0
1.0
2.0
2.5
3.0
1.5
0.5


Similar Part No. - PA1727_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1721NL PULSE-PA1721NL Datasheet
1Mb / 7P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA1727_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com