Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1226 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1226
Description  Low Noise Very High Speed Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1226 Datasheet(HTML) 4 Page - Linear Technology

  LT1226 Datasheet HTML 1Page - Linear Technology LT1226 Datasheet HTML 2Page - Linear Technology LT1226 Datasheet HTML 3Page - Linear Technology LT1226 Datasheet HTML 4Page - Linear Technology LT1226 Datasheet HTML 5Page - Linear Technology LT1226 Datasheet HTML 6Page - Linear Technology LT1226 Datasheet HTML 7Page - Linear Technology LT1226 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1226
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Output Short Circuit Current vs
Supply Current vs Temperature
Input Bias Current vs Temperature
Temperature
Output Voltage Swing vs
Input Bias Current vs Input
Open Loop Gain vs
Resistive Load
Common Mode Voltage
Resistive Load
Input Common Mode Range vs
Output Voltage Swing vs
Supply Voltage
Supply Current vs Supply Voltage
Supply Voltage
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
LT1226 TPC01
TA = 25°C
∆V
OS < 1mV
+VCM
–VCM
SUPPLY VOLTAGE (±V)
0
6.0
6.5
7.0
7.5
8.0
510
15
20
LT1226 TPC02
TA = 25°C
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
LT1226 TPC03
TA = 25°C
RL = 500Ω
∆V
OS = 30mV
+VSW
–VSW
LOAD RESISTANCE (
Ω)
10
0
10
20
25
30
100
1k
10k
LT1226 TPC04
15
5
TA = 25°C
∆V
OS = 30mV
VS = ±15V
VS = ±5V
INPUT COMMON MODE VOLTAGE (V)
–15
3.0
3.5
4.0
4.5
5.0
–10
0
10
15
LT1226 TPC05
–5
5
VS = ±15V
TA = 25°C
IB+ + IB–
2
IB =
LOAD RESISTANCE (
Ω)
10
70
100
110
120
100
1k
10k
LT1226 TPC06
90
80
TA = 25°C
VS = ±15V
VS = ±5V
TEMPERATURE (°C)
–50
4
6
7
9
10
–25
25
75
125
LT1226 TPC07
VS = ±15V
100
50
0
5
8
TEMPERATURE (°C)
–50
25
35
40
50
55
–25
25
75
125
LT1226 TPC09
100
50
0
30
45
VS = ±5V
SINK
SOURCE
TEMPERATURE (°C)
–50
3.5
4.0
4.25
4.75
5.0
–25
25
75
125
LT1226 TPC08
100
50
0
3.75
4.5
VS = ±15V
IB+ + IB–
2
IB =


Similar Part No. - LT1226

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226C LINER-LT1226C Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226CN8 LINER-LT1226CN8 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226CS8 LINER-LT1226CS8 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
More results

Similar Description - LT1226

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com