Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4713ACX Datasheet(PDF) 10 Page - NEC

Part # UPD4713ACX
Description  RS-232 LINE DRIVER/RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4713ACX Datasheet(HTML) 10 Page - NEC

Back Button UPD4713ACX Datasheet HTML 6Page - NEC UPD4713ACX Datasheet HTML 7Page - NEC UPD4713ACX Datasheet HTML 8Page - NEC UPD4713ACX Datasheet HTML 9Page - NEC UPD4713ACX Datasheet HTML 10Page - NEC UPD4713ACX Datasheet HTML 11Page - NEC UPD4713ACX Datasheet HTML 12Page - NEC UPD4713ACX Datasheet HTML 13Page - NEC UPD4713ACX Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
µPD4713A
PACKAGE DRAWINGS
24PIN PLASTIC DIP (300 mil)
ITEM MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
N
0.25
0.01
P
1.0 MIN.
0.039 MIN.
A
33.02 MAX.
1.300 MAX.
B
2.54 MAX.
0.100 MAX.
F
1.2 MIN.
0.047 MIN.
G
3.5±0.3
0.138±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020 +0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010 +0.004
–0.003
+0.10
–0.05
M
R
M
I
H
G
F
D
N
C
B
K
R
0~15
°
0~15
°
2) ltem "K" to center of leads when formed parallel.
12
24
13
L
A
P
P24C-100-300A-1
1
J


Similar Part No. - UPD4713ACX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4713ACX RENESAS-UPD4713ACX Datasheet
273Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD4713ACX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com