Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4713ACX Datasheet(PDF) 6 Page - NEC

Part # UPD4713ACX
Description  RS-232 LINE DRIVER/RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4713ACX Datasheet(HTML) 6 Page - NEC

Back Button UPD4713ACX Datasheet HTML 2Page - NEC UPD4713ACX Datasheet HTML 3Page - NEC UPD4713ACX Datasheet HTML 4Page - NEC UPD4713ACX Datasheet HTML 5Page - NEC UPD4713ACX Datasheet HTML 6Page - NEC UPD4713ACX Datasheet HTML 7Page - NEC UPD4713ACX Datasheet HTML 8Page - NEC UPD4713ACX Datasheet HTML 9Page - NEC UPD4713ACX Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
µPD4713A
Note 4.
Test point
If the output control pin is made low, the driver output goes low regardless of the driver input state.
Driver input
Driver output
6 ns
6 ns
5 V
10 %
90 %
1.5 V
0 V
VOH
VOL
1.5 V
SR
tPLH
–3 V
3 V
–3 V
3 V
SR
tPHL
10 %
90 %
90 %
10 %
Note 5.
Test Point
+5 V
–5 V
High impedance
5 V
0 V
VOH
VOL
Standby input
Driver output
1.5 V
1.5 V
tDAZ
tDZA
+5 V
–5 V
Do not perform communication within the standby output transition time tDZA on power application or on releasing
the standby mode.


Similar Part No. - UPD4713ACX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4713ACX RENESAS-UPD4713ACX Datasheet
273Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD4713ACX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com