Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPT25015 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT25015
Description  23W RF Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT25015 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT25015_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT25015_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NPT25015
NDS-004 Rev 4, April 2013
NPT25015
Page 3
Table 1: Optimum Impedance Characteristics for Linear OFDM Tuning, single carrier OFDM waveform 64-QAM 3/4, 8
burst, continuous frame data, 10 MHz channel bandwidth. Peak/Avg = 10.3dB @ 0.01% probability on CCDF
ZS is the source impedance
presented to the device.
ZL is the load impedance
presented to the device.
Frequency (MHz)
ZS (W)
ZL (W)
POUT (W)
Gain (dB)
Drain
Efficiency (%)
2500
5.2 - j 1.6
3.3 + j 1.7
1.5
14.5
25
2600
4.6 - j 1.9
3.1 + j 2.7
1.5
14.5
25
2700
4.0 - j 2.2
2.9 + j 4.3
1.5
14.4
24
Figure 1 - Optimum Impedance Characteristics for OFDM Tuning, VDS = 28V, IDQ = 200mA
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=200mA, TA=25°C unless otherwise noted
Table 2: Optimum Impedance Characteristics for CW PSAT,Efficiency,andGain
Frequency (MHz)
ZS (W)
ZL (W)
PSAT (W)
GSS (dB)
Drain
Efficiency (%)
2500
3.7 - j 4.7
6.9 - j 1.2
23
14.5
60


Similar Part No. - NPT25015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
   Gallium Nitride 28V, 23W RF Power Transistor
logo
List of Unclassifed Man...
NPT25015 ETC2-NPT25015 Datasheet
624Kb / 8P
   Thermally-enhanced industry standard package
More results

Similar Description - NPT25015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
   Gallium Nitride 28V, 23W RF Power Transistor
logo
Advanced Semiconductor
AM0912-300 ASI-AM0912-300 Datasheet
36Kb / 2P
   RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6080 NJSEMI-2N6080 Datasheet
239Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF412 MOTOROLA-MRF412 Datasheet
149Kb / 4P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
AM0912-080 ASI-AM0912-080 Datasheet
101Kb / 2P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF20030 MOTOROLA-MRF20030 Datasheet
111Kb / 10P
   RF POWER TRANSISTOR
MRF848 MOTOROLA-MRF848 Datasheet
107Kb / 3P
   RF POWER TRANSISTOR
logo
Advanced Semiconductor
TAN250A ASI-TAN250A Datasheet
23Kb / 1P
   RF POWER TRANSISTOR
logo
Motorola, Inc
MRF15030 MOTOROLA-MRF15030 Datasheet
158Kb / 8P
   RF POWER TRANSISTOR
MRF15090 MOTOROLA-MRF15090 Datasheet
210Kb / 8P
   RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com