Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1857 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PA1857
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1857 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PA1857_15 Datasheet HTML 1Page - Renesas Technology Corp PA1857_15 Datasheet HTML 2Page - Renesas Technology Corp PA1857_15 Datasheet HTML 3Page - Renesas Technology Corp PA1857_15 Datasheet HTML 4Page - Renesas Technology Corp PA1857_15 Datasheet HTML 5Page - Renesas Technology Corp PA1857_15 Datasheet HTML 6Page - Renesas Technology Corp PA1857_15 Datasheet HTML 7Page - Renesas Technology Corp PA1857_15 Datasheet HTML 8Page - Renesas Technology Corp PA1857_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet G15060EJ2V0DS
3
µµµµPA1857
TYPICAL CHARACTERISTICS (TA = 25°C)
5
25
50
75
100
125
150
20
40
60
80
100
120
0
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
TC - Case Temperature - ˚C
0
0
25
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
50
75
100
125
150
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Single Pulse
Mounted on Ceramic
Board of 50 cm x1.1 mm
2unit:
PD (FET1) : PD (FET2) = 1 : 1
2
2unit
1unit
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.2
0
0.8
1.0
0.4
0.6
0
4
8
12
16
4.5 V
VGS = 10 V
4.0 V
10
1
0.1
0.01
0.001
0.0001
0.00001
0
1234
100
25˚C
75˚C
VGS - Gate to Source Voltage - V
−25˚C
VDS = 10 V
FORWARD TRANSFER CHARACTERISTICS
TA = 125˚C
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
50
100
0
150
1
1.5
2
2.5
3
FORWARD BIAS SAFE OPERATING AREA
10.0
100.0
1.0
VDS - Drain to Source Voltage - V
100
10
1
0.1
0.1
0.01
Single Pulse Mounted on Ceramic
Board of 50 cm x1.1 mm
PD (FET1) : PD (FET2) = 1 : 1
2
10
m
s
100
ms
DC
(1unit)
DC
(2unit)
1ms
R
DS(on)
Limited
(@V
GS
= 10
V)
ID(pulse)
ID(DC)
PW
=100
µs


Similar Part No. - PA1857_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA185 OKAYA-PA185 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA185-L OKAYA-PA185-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Renesas Technology Corp
PA1855 RENESAS-PA1855_15 Datasheet
199Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1857_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com