Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1857 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PA1857
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1857 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PA1857_15 Datasheet HTML 1Page - Renesas Technology Corp PA1857_15 Datasheet HTML 2Page - Renesas Technology Corp PA1857_15 Datasheet HTML 3Page - Renesas Technology Corp PA1857_15 Datasheet HTML 4Page - Renesas Technology Corp PA1857_15 Datasheet HTML 5Page - Renesas Technology Corp PA1857_15 Datasheet HTML 6Page - Renesas Technology Corp PA1857_15 Datasheet HTML 7Page - Renesas Technology Corp PA1857_15 Datasheet HTML 8Page - Renesas Technology Corp PA1857_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet G15060EJ2V0DS
2
µµµµPA1857
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 2.0 A2.5
5.4
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 2.0 A
53
67.0
m
RDS(on)2
VGS = 4.5 V, ID = 2.0 A
64
86.0
m
RDS(on)3
VGS = 4.0 V, ID = 2.0 A
71
95.0
m
Input Capacitance
Ciss
VDS = 10 V
580
pF
Output Capacitance
Coss
VGS = 0 V
100
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
50
pF
Turn-on Delay Time
td(on)
VDD = 30 V, ID = 2.0 A10
ns
Rise Time
tr
VGS = 10 V9
ns
Turn-off Delay Time
td(off)
RG = 6
32
ns
Fall Time
tf
4ns
Total Gate Charge
QG
VDD = 48 V12
nC
Gate to Source Charge
QGS
VGS = 10 V2
nC
Gate to Drain Charge
QGD
ID = 3.8 A3
nC
Body Diode Forward Voltage
VF(S-D)
IF = 3.8 A, VGS = 0 V0.80
V
Reverse Recovery Time
trr
IF = 3.8 A, VGS = 0 V33
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
µs58
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
→ 0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS(on)
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - PA1857_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
PA185 OKAYA-PA185 Datasheet
82Kb / 1P
   NOISE SUPPRESSION CAPACITOR
PA185-L OKAYA-PA185-L Datasheet
383Kb / 1P
   NOISE SUPPRESSION CAPACITOR
logo
Renesas Technology Corp
PA1855 RENESAS-PA1855_15 Datasheet
199Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1857_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com