Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2SC3838LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC3838LT1G
Description  High frequency Amplifier Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC3838LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC3838LT1G_15 Datasheet HTML 1Page - Leshan Radio Company L2SC3838LT1G_15 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
High-Frequency Amplifier
Transistor
Features
1.High transition frequency.(Typ.fT=3.2GHz)
2.Small rbb`Cc and high gain.(Typ.4ps)
3.Small NF.
S-L2SC3838LT1G
MAXIMUM RATINGS (TA = 25
°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
11
V
Emitter-base voltage
VEBO
3V
Collector Current
IC
50
mA
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS(TA = 25
°C)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
BV
CBO
20
--
VI
C=10µA
Collector-emitter breakdown voltage
BV
CEO
11
--
VI
C=1mA
Emitter-base breakdown voltage
BV
EBO
3
--
VI
E=10µA
Collector cutoff current
I
CBO
--
0.5
µAV
CB=10V
Emitter cutoff current
I
EBO
--
0.5
µAV
EB=2V
Collector-emitter saturation voltage
V
CE(sat)
--
0.5
V
I
C/IB=10mA/5mA
DC current transfer ratio
h
FE
56
-
180
-
V
CE/IC=10V/5mA
Transition frequency
f
T
1.4
3.2
-
GHz
V
CE=10V, IE=-10mA, f=500MHz
Output capacitance
Cob
-
0.8
1.5
pF
V
CB=10V, IE=0A, f=1MHz
Collector-base time constant
rbb`Cc
-
412
ps
V
CB=10V, IC=10mA, f=31.8MHz
Noise factor
NF
-
3.5
-
dB
V
CE=6V,
I
C=2mA, f=500MHz,Rg=50Ω
DEVICE MARKING
L2SC3838LT1G;S-L2SC3838LT1G=AD
1
BASE
2
EMITTER
COLLECTOR
3
1
2
3
4.
ORDERING INFORMATION
Device
Package
Shipping
L2SC3838LT1G
3000/Tape & Reel
SOT-23
L2SC3838LT3G
SOT-23
10000/Tape & Reel
We declare that the material of product compliance with RoHS requirements.
SOT-23
Rev.O 1/2
L2SC3838LT1G
5.S- Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
S-L2SC3838LT1G
S-L2SC3838LT3G


Similar Part No. - L2SC3838LT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC3838LT1G LRC-L2SC3838LT1G Datasheet
70Kb / 2P
   High-Frequency Amplifier Transistor Small rbb Cc and high gain.
More results

Similar Description - L2SC3838LT1G_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
   High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
   High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
   High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
   High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4226QT1 LRC-L2SC4226QT1 Datasheet
151Kb / 5P
   HIGH-FREQUENCY AMPLIFIER TRANSISTOR
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
   High-Frequency Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com