Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1479 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 7Page - STMicroelectronics UM1479 Datasheet HTML 8Page - STMicroelectronics UM1479 Datasheet HTML 9Page - STMicroelectronics UM1479 Datasheet HTML 10Page - STMicroelectronics UM1479 Datasheet HTML 11Page - STMicroelectronics UM1479 Datasheet HTML 12Page - STMicroelectronics UM1479 Datasheet HTML 13Page - STMicroelectronics UM1479 Datasheet HTML 14Page - STMicroelectronics UM1479 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
UM1479
Getting started
Doc ID 022381 Rev 1
11/28
1.2.8
Starting the data logger application
Install the event/data logging GUI using the GUI exe. There are two GUI installation set-ups;
one for the STARTKIT-M24LR-A RFID reader and another for the CR95HF demo board.
Install the GUI according to the e-reader available.
The data logger system has 3 stages:
1.
Pre-data logger stage
2.
Data logging stage
3.
Post data logging stage
1.2.9
Pre-data logger stage
This stage is for enabling all the sensors for logging the data. In this stage the board power
comes from the RFID reader and no external cell is needed.
Below are the steps for the pre-data logger stage configuration:
1.
Connect the RFID reader (CR95HF demo board/STARTKIT-M24LR-A reader) to the
computer.
2.
Put the switch SW4 into the downward position, as shown in Figure 11.
3.
Place the data logger board (STEVAL-IPR002V1) on the reader, as shown in
Figure 12.
4.
Open the event/data logger GUI application.
5.
Press the “Connect” button on the GUI, as shown in Figure 6. An information message
for board connection is seen on the GUI as shown in Figure 13. If the message shows
“Board is not connected” then again place the data logger board properly near the
RFID reader and press the “Connect” button.
6.
Click on the “Data Logger Selection” button as shown in Figure 6. The GUI window for
data logger opens as shown in Figure 7.
7.
The time for starting the logger can be changed using the dropdown in the “Time”
section. This time is used to configure the RTC of the STM8L which is used for time
stamping of logged data.
8.
Press the “Start the Datalogger” button to configure the board for data logging.
9.
If the GUI shows the error message “Board is not connected”, close the GUI and open
it again and start with step 3 above.
10. If the board is configured for data logging then the “Data Recorded” message is
displayed on the GUI. Click on “OK”.


Similar Part No. - UM1479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
   Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
More results

Similar Description - UM1479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
   Datalogger reference board for the M24LR64-R Dual Interface EEPROM
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
   SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT5-M24LR-A STMICROELECTRONICS-ANT5-M24LR-A Datasheet
69Kb / 4P
   4 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
logo
InterFET Corporation
1-6HOOL INTERFET-1-6HOOL Datasheet
1Mb / 4P
   The 1-6H001 is a wide-temperature range
logo
STMicroelectronics
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
   2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
   20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
   45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
   the series is available in a wide frequency range
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
   The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com