Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEJ78L18 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJ78L18
Description  Three-terminal negative voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJ78L18 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJ78L18_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2
C0
0.1µF
WEJ78L18 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
100
mA
Output voltage
VO:
18
V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
Vi
35
V
Operating Junction Temperature Range
TOPR
-20~+120
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (Vis=26V,Io=40mA,0
℃<Tj<125℃,Ci=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
17.3
18
18.7
V
17.5V
≤Vi≤30V, Io=1mA~40mA
17.1
18
18.9
V
Output voltage
Vo
Vi=26V, Io=1mA~70mA
17.1
18
18.9
V
(note)
Tj=25
℃, Io=1mA~100mA, Vi=26V
27
180
mV
Load Regulation
∆Vo
Tj=25
℃, Io=1mA~40mA, V i=26V
19
90
mV
20.5V
≤Vi≤33V, Tj=25
℃ ,Io=40mA
70
360
mV
Line regulation
∆Vo
22V
≤Vi≤33V, Tj=25
℃,Io=40mA
64
300
mV
Quiescent Current
Iq
4.7
6.5
mA
∆Iq
22V
≤Vi≤33V, Io=40mA
1.5
mA
Quiescent Current Change
∆Iq
1mA
≤I O≤40mA, Vi=26V
0.1
mA
Output Noise Voltage
VN
10Hz
≤f≤100KHz
89
µV
Ripple Rejection
RR
21.5V
≤Vi≤31.5V,f=120Hz,
25
℃≤Tj≤125℃
32
36
dB
Dropout Voltage
Vd
Tj=25
1.7
V
TYPICAL APPLICATION
Vi
3
1
Vo
U
Ci
0.33µF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
78L18
SOT-89
1. OUT
2. GND
3. IN
1
3
2
WEJ78L18
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - WEJ78L18_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJ78L18-SOT-89 WINNERJOIN-WEJ78L18-SOT-89 Datasheet
174Kb / 1P
   Three-terminal positive voltage regulator
WEJ78L18-TO-92 WINNERJOIN-WEJ78L18-TO-92 Datasheet
143Kb / 1P
   Three-terminal positive voltage regulator
More results

Similar Description - WEJ78L18_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com