Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6360CMS8E Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6360CMS8E
Description  LTC6360 DRIVING 18 - BIT SAR ADC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6360CMS8E Datasheet(HTML) 1 Page - Linear Technology

  LTC6360CMS8E Datasheet HTML 1Page - Linear Technology LTC6360CMS8E Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
100MHzMax
CLK
3.3Vpp
AIN+ / AIN-
0V - VREF
0805
0805
0805
CM
VREF / 2
EXT
EXT_CM
0805
EXT_REF
TO CPLD
FROM CPLD
0402
WP
PROG
0402
1. ALL RESISTORS ARE IN OHMS, 0603.
ALL CAPACITORS ARE IN MICROFARADS, 0603.
NOTE: UNLESS OTHERWISE SPECIFIED
2. INSTALL SHUNTS AS SHOWN.
BUSY
SDO
SCK
CNV
DB17
DB16
REF / SEL
DC590
+5V
GND
RD
0805
GND
0402
0402
VREF / 2
LTC2370CMS-16
U8
*
2.0
16
ASSY
Msps
BITS
-A
*
16
-B
LTC2368CMS-16
1.0
16
-C
LTC2367CMS-16
0.5
-D
LTC2364CMS-16
0.25
18
-E
LTC2369CMS-18
1.6
18
-F
LTC2368CMS-18
1.0
18
-G
LTC2367CMS-18
0.5
18
-H
LTC2364CMS-18
0.25
16
REF
GND
1206
1206
SHDN
0805
NPO
2
DEMO CIRCUIT 1796A - A / H
12
LTC6360 DRIVING 18 - BIT SAR ADC
N/A
LTC6360CMS8E
NC
ERJON Q.
12-9-11
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax:(408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
ERJON Q.
PROD. FABRICATION
-
2
12-9-11
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB13
DB12
DB11
DB9
DB10
DB14
DB15
CLKOUT
CNVST_33
DB16
DB17
CLK
DC590_DETECT
SCK
SDO
BUSY
SDO
SCK
CNV
CNV
RD
+3.3V
+3.3V
+5V
+3.3V
+2.5V
+3.3V
+3.3V
+3.3V
9V-10V
+3.3V
+3.3V
+5V
9V-10V
R27
4.99k
C16
470pF
R31
OPT
C58
OPT
C30
10nF
NPO
R7
1k
C12
0.1uF
R17
4.99
R13
0
C20
0.1uF
U1
NC7SZ04P5X
4
2
R29
OPT
C23
OPT
JP1
1
3
2
C26
0.1uF
C33
0.1uF
E9
R16
1k
C56
OPT
R2
1k
R12
1K
C1
0.1uF
C22
0.1uF
C5
0.1uF
E2
J1
BNC
C28
0.1uF
U4
NL17SZ74
4
6
7
8
GND
CLR
PR
VCC
C2
0.1uF
R9
33
C34
1uF
R6
49.9
1206
J3
3201S-40G1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
12
34
56
78
910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
U2
NC7SVU04P5X
4
2
R32
1K
C27
10uF
6.3V
R24
1k
U3
LTC6655CHMS8-4.096
1
2
3
4
5
6
7
8
SHDN
VIN
GND
GND
GND
VOUT_S
VOUT_F
GND
C60
0.01uF
R30
OPT
R3
OPT
R20
0
C18
10uF
C25
10nF
NPO
R21
2k
U10
24LC024-I/ST
1
2
3
5
6
7
A0
A1
A2
SDA
SCL
WP
R19
1k
C7
1uF
R15
OPT
R26
4.99k
C57
50pF
R14
0
R5
0
C24
0.1uF
C11
1uF
JP4
1
3
2
R22
0
U9
LTC6360CMS8E
1
2
3
4
5
6
7
8
-IN
OUT
VCC
VDD
VCPO
VCPI
SHDN
+IN
C6
0.1uF
J2
BNC
R4
33
C8
10uF
J4
HD2X12-079-MOLEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R8
33
C32
3.3uF
C59
OPT
U7
NC7SZ66P5X
1
2
4
A
B
OE
R1
33
R11
0
C31
1uF
R18
0
E1
R25
4.99k
C29
OPT
U6
NC7SZ04P5X
4
2
C13
10uF
6.3V
JP3
1
3
2
C3
0.1uF
C4
0.1uF
R10
0
U5
NC7SVU04P5X
4
2
R23
4.99
C14
0.1uF
C21
0.1uF
C15
0.1uF
C17
0.01uF
C9
47uF
6.3V
U8
LTC23XXCMS
9
13
14
11
12
4
5
CNV
SCK
SDO
BUSY
RDL/SDI
IN+
IN-
JP2
1
3
2
E10
C10
0.1uF
C19
10uF
6.3V


Similar Part No. - LTC6360CMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6360 LINER-LTC6360 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6360 LINER-LTC6360 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6360 LINER-LTC6360 Datasheet
524Kb / 24P
   Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
LTC6360 LINER-LTC6360_15 Datasheet
524Kb / 24P
   Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
More results

Similar Description - LTC6360CMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6362CMS8 LINER-LTC6362CMS8_15 Datasheet
109Kb / 2P
   LTC6362 DRIVING 18 - BIT SAR ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
LTC2387-18 LINER-LTC2387-18 Datasheet
1Mb / 24P
   18-Bit, 15Msps SAR ADC
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
   18-Bit, 2 MSPS SAR ADC
REV. 0
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
LTC2341 LINER-LTC2341 Datasheet
485Kb / 10P
   16-/18-Bit, Dual 666ksps, SAR ADC
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
   16-/18-Bit, Octal 1Msps, SAR ADC
LTC2344 LINER-LTC2344 Datasheet
833Kb / 10P
   16-/18-Bit, Octal 400ksps, SAR ADC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com