Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5509 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5509
Description  300MHz to 3GHz RF Power Detector in SC70 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5509 Datasheet(HTML) 1 Page - Linear Technology

  LTC5509_15 Datasheet HTML 1Page - Linear Technology LTC5509_15 Datasheet HTML 2Page - Linear Technology LTC5509_15 Datasheet HTML 3Page - Linear Technology LTC5509_15 Datasheet HTML 4Page - Linear Technology LTC5509_15 Datasheet HTML 5Page - Linear Technology LTC5509_15 Datasheet HTML 6Page - Linear Technology LTC5509_15 Datasheet HTML 7Page - Linear Technology LTC5509_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC5509
1
5509f
s
Multimode Mobile Phone Products
s
Optical Data Links
s
Wireless Data Modems
s
Wireless and Cable Infrastructure
s
RF Power Alarm
s
Envelope Detector
s
Temperature Compensated Internal Schottky Diode
RF Detector
s
Wide Input Frequency Range: 300MHz to 3GHz
s
Wide Input Power Range: –30dBm to 6dBm
s
Buffered Detector Output
s
Wide VCC Range of 2.7V to 6V
s
Low Operating Current: 600
µA
s
Low Shutdown Current: <2
µA
s
SC70 Package
300MHz to 3GHz
RF Power Detector
in SC70 Package
The LTC
®5509 is an RF power detector for RF applications
operating in the 300MHz to 3GHz range. A temperature
compensated Schottky diode peak detector and buffer
amplifier are combined in a small SC70 package. The
supply voltage range is optimized for operation from a
single lithium-ion cell or 3xNiMH.
The RF input voltage is peak detected using an on-chip
Schottky diode. The detected voltage is buffered and
supplied to the VOUT pin without gain compression. Con-
sequently, the output voltage is linearly proportional to the
RF input voltage. A power saving shutdown mode reduces
supply current to less than 2
µA.
The LTC5509 operates with input power levels from
–30dBm to 6dBm.
300MHz to 3GHz RF Power Detector
Output Voltage vs RF Input Power
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC5509
6
2
1
4
5
3
100pF
0.1
µF
VCC
VOUT
VCC
VOUT
RFIN
GND
SHDN
DISABLE ENABLE
33pF
5509 TA01
RF
INPUT
GND
RF INPUT POWER (dBm)
–30
0
500
1000
1500
2000
–20
–10
0
10
5509 TA02
2500
3000
–25
–15
–5
5
VCC = 3.6V
TA = 25°C
850MHz
1.85GHz
3GHz
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC5509_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509ESC6 LINER-LTC5509ESC6 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
More results

Similar Description - LTC5509_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5509 LINER-LTC5509 Datasheet
177Kb / 8P
   300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
   300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com