Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5507 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 8 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC5507
8
5507f
LT/TP 0103 2K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
RF Power Controllers
LTC1757A
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC1758
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC1957
RF Power Controller
Multiband GSM/DCS/GPRS Mobile Phones
LTC4400
ThinSOT RF PA Controller
Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 450kHz Loop BW
LTC4401
ThinSOT RF PA Controller
Multiband GSM/DCS/GPRS Phones, 45dB Dynamic Range, 250kHz Loop BW
LTC4403
Multiband RF Power Controllers for EDGE/TDMA
Supports EDGE/TDMA Applications
LT5504
800MHz to 2.7GHz RF Measuring Receivers
80dB Dynamic Range, Temperature Compensated, 2.7V to 5.5V Supply
LTC5505
300MHz to 3.5GHz RF Power Detector
>40dB Dynamic Range, Temperature Compensated, 2.7V to 6V Supply
LTC5508
300MHz to 7GHz RF Power Detector
>40dB Dynamic Range, SC-70 Package
Other Related Parts
LT5500
1.8GHz to 2.7GHz, Receiver Front End
Dual LNA gain Setting +13.5dB/–14dB at 2.5GHz, Double-Balanced Mixer,
1.8V to 5.25V Supply
LT5502
400MHz Quadrature Demodulator with RSSI
1.8V to 5.25V Supply, 70MHz to 400MHz IF, 84dB Limiting Gain, 90dB RSSI Range
LT5503
1.2GHz to 2.7GHz Direct IQ Modulator and
1.8V to 5.25V Supply, Four-Step RF Power Control, 120MHz Modulation Bandwidth
Up Converting Mixer
LT5506
500MHz Quadrature IF Demodulator with VGA
1.8V to 5.25V Supply, 40MHz to 500MHz IF, –4dB to 57dB Linear Power Gain
LT5511
High Signal Level Upconverting Mixer
10MHz to 3000MHz RF Output Range, Integrated LO Buffer, 17dBm IIP3
LT5512
High Signal Level Down Converting Mixer
DC-3GHz, 20dBm IIP3, Integrated LO Buffer


Similar Part No. - LTC5507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5507 LINER-LTC5507 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5507 LINER-LTC5507 Datasheet
130Kb / 8P
   100kHz to 1GHz RF Power Detector
LTC5507 LINER-LTC5507 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5507 LINER-LTC5507 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5507 LINER-LTC5507 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results

Similar Description - LTC5507

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5507 LINER-LTC5507 Datasheet
130Kb / 8P
   100kHz to 1GHz RF Power Detector
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
   RF Power Detector
Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
   RF Power Detector
logo
Maxim Integrated Produc...
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
   RF Power Detector
Rev 0; 4/07
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6408 AVAGO-AMMC-6408 Datasheet
589Kb / 12P
   Integrated RF power detector
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
   Integrated RF power detector
logo
Linear Technology
LTC5533 LINER-LTC5533 Datasheet
241Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC5533 LINER-LTC5533_15 Datasheet
251Kb / 12P
   300MHz to 11GHz Precision Dual RF Power Detector
LTC6432-15 LINER-LTC6432-15 Datasheet
263Kb / 8P
   100kHz to 1000MHz Differential ADC Driver/IF/RF Amplifier
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com