Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5505-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5505-1
Description  RF Power Detector with Buffered Output and 40dB Dynamic Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5505-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC5505-1 Datasheet HTML 1Page - Linear Technology LTC5505-1 Datasheet HTML 2Page - Linear Technology LTC5505-1 Datasheet HTML 3Page - Linear Technology LTC5505-1 Datasheet HTML 4Page - Linear Technology LTC5505-1 Datasheet HTML 5Page - Linear Technology LTC5505-1 Datasheet HTML 6Page - Linear Technology LTC5505-1 Datasheet HTML 7Page - Linear Technology LTC5505-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC5505-1/LTC5505-2
4
5505f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC5505-1 Typical Detector
Characteristics, 0.85GHz
LTC5505-2 Typical Detector
Characteristics, 0.85GHz
LTC5505-1 Typical Detector
Characteristics, 2.45GHz
LTC5505-1 Typical Detector
Characteristics, 1.85GHz
RF INPUT POWER (dBm)
10000
5505 G01
100
1000
–24
–18
–12
–6
0
6
12
–30
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
10000
5505 G02
100
1000
–24
–18
–12
–6
0
6
12
–30
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
10000
5505 G03
100
1000
–24 –18
–12
–6
0
6
12
–30
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
10000
5505 G04
100
1000
–26
–20
–14
–8
–2
4
10
–32
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
LTC5505-2 Typical Detector
Characteristics, 2.45GHz
LTC5505-2 Typical Detector
Characteristics, 1.85GHz
RF INPUT POWER (dBm)
10000
5505 G05
100
1000
–26
–20
–14
–8
–2
4
10
–32
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
RF INPUT POWER (dBm)
10000
5505 G06
100
1000
–26
–20
–14
–8
–2
4
10
–32
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C
LTC5505-2 Typical Detector
Characteristics, 3.5GHz
RF INPUT POWER (dBm)
10000
5505 G07
100
1000
–26
–20
–14
–8
–2
4
10
–32
VCC = 2.7V TO 6V
0
Ω SERIES TERMINATION
–40
°C
25
°C
85
°C


Similar Part No. - LTC5505-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC5505-1ES5 LINER-LTC5505-1ES5 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
More results

Similar Description - LTC5505-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1 Datasheet
210Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1957-1 LINER-LTC1957-1_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1957-2 LINER-LTC1957-2_15 Datasheet
215Kb / 16P
   Single/Dual Band RF Power Controllers with 40dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com