Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78R25F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78R25F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R25F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R25F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R25F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R25F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R25F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R25F Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2001. 5. 31
1/5
SEMICONDUCTOR
TECHNICAL DATA
KIA78R25F~KIA78R37F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
5 TERMINAL LOW DROP VOLTAGE REGULATOR
The KIA78R
series are Low Drop Voltage
Regulator suitable for various electronic equipments.
It provides constant voltage power source with DPAK-5
terminal surface mount type PKG.
The Regulator has multi function such as over current
protection, overheat protection and ON/OFF control.
FEATURES
1.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal.
Built in Over Current Protection, Over Heat
Protection Function.
LINE UP
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
DC INPUT (V )
IN
ON/OFF CONTROL (V )
2
C
DC OUTPUT (V )
3
O
N.C
4
GND
5
1 2 34 5
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
MAXIMUM RATINGS (Ta=25 )
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78R25F
2.5
V
KIA78R30F
3.0
KIA78R33F
3.3
KIA78R35F
3.5
KIA78R37F
3.7
CHARACTERISTIC
SYMBOL
RATING
UNIT
REMARK
Input Voltage
VIN
35
V
-
ON/OFF Control Voltage
VC
35
V
-
Output Current
IO
1
A
-
Power Dissipation 1
Pd
8
W
Infinite heat sink
Junction Temperature
Tj
125
-
Operating Temperature
Topr
-20 80
-
Storage Temperature
Tstg
-30 125
-
Soldering Temperature (10sec)
Tsol
260
-


Similar Part No. - KIA78R25F

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R25F KEC-KIA78R25F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Tiger Electronic Co.,Lt...
KIA78R25FXX TGS-KIA78R25FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Similar Description - KIA78R25F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com